Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55231 Datasheet(PDF) 47 Page - Texas Instruments

Part # LP55231
Description  LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55231 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments LP55231 Datasheet HTML 48Page - Texas Instruments LP55231 Datasheet HTML 49Page - Texas Instruments LP55231 Datasheet HTML 50Page - Texas Instruments LP55231 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
47
LP55231
www.ti.com
SNOSCR5D – MARCH 2013 – REVISED DECEMBER 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
LED VF (maximum)
3.6 V
LED current
25.5 mA maximum
Input capacitor
CIN1 = CIN2 = 1 μF
Output capacitor
COUT1 = COUT2 = 1 μF
Charge pump fly capacitors
C1 = C2 = C3 = C4 = 0.47 μF
Charge pump mode
1.5× or automatic
8.2.1.2 Detailed Design Procedure
The LP55231 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. Tantalum and aluminium capacitors are not recommended because of their high ESR. For
the flying capacitors (C1 and C2) multi-layer ceramic capacitors must always be used. These capacitors are
small, inexpensive and have very low equivalent series resistance (ESR < 20 m typical). Ceramic capacitors with
X7R or X5R temperature characteristic are preferred for use with the LP55231. These capacitors have tight
capacitance tolerance (as good as ±10%) and hold their value over temperature (X7R: ±15% over
−55°C to
+125°C; X5R: ±15% over
−55°C to +85°C). Capacitors with Y5V or Z5U temperature characteristic are generally
not recommended for use with the LP55231. Capacitors with these temperature characteristics typically have
wide capacitance tolerance (80%,
−20%) and vary significantly over temperature (Y5V: 22%, −82% over −30°C
to +85°C range; Z5U: 22%,
−56% over 10°C to 85°C range). Under some conditions, a nominal 1-µF Y5V or Z5U
capacitor could have a capacitance of only 0.1 µF. Such detrimental deviation is likely to cause Y5V and Z5U
capacitors to fail to meet the minimum capacitance requirements of the LP55231.
For proper operation it is necessary to have at least 0.24 μF of effective capacitance for each of the flying
capacitors under all operating conditions. The output capacitor COUT directly affects the magnitude of the output
ripple voltage. In general, the higher the value of COUT, the lower the output ripples magnitude. For proper
operation it is recommended to have at least 0.50 μF of effective capacitance for CIN and COUT under all
operating conditions. The voltage rating of all four capacitors should be 6.3 V; 10 V is recommended.
Table 9 lists suitable external components from some leading ceramic capacitor manufacturers. TI strongly
recommends that the LP55231 circuit be thoroughly evaluated early in the design-in process with the mass-
production capacitors of choice to help ensure that any variability in capacitance does not negatively impact
circuit performance.
Table 9. Suitable External Components
MODEL
TYPE
VENDOR
VOLTAGE RATING (V)
PACKAGE SIZE
1 µF for COUT and CIN
C1005X5R1A105K
Ceramic X5R
TDK
10
0402
LMK105BJ105KV-F
Ceramic X5R
Taiyo Yuden
10
0402
ECJ0EB1A105M
Ceramic X5R
Panasonic
10
0402
ECJUVBPA105M
Ceramic X5R , array of
two
Panasonic
10
0504
0.47 µF for C1 and C2
C1005X5R1A474K
Ceramic X5R
TDK
10
0402
LMK105BJ474KV-F
Ceramic X5R
Taiyo Yuden
10
0402
ECJ0EB0J474K
Ceramic X5R
Panasonic
6.3
0402
LEDs
User defined. Note that D7, D8, and D9 outputs are powered from VDD when
specifying the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com