Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55231 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP55231
Description  LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55231 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments LP55231 Datasheet HTML 10Page - Texas Instruments LP55231 Datasheet HTML 11Page - Texas Instruments LP55231 Datasheet HTML 12Page - Texas Instruments LP55231 Datasheet HTML 13Page - Texas Instruments LP55231 Datasheet HTML 14Page - Texas Instruments LP55231 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
LP55231
www.ti.com
SNOSCR5D – MARCH 2013 – REVISED DECEMBER 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Programming
The LP55231 provides flexibility and programmability for dimming and sequencing control. Each LED can be
controlled directly and independently through the serial bus, or LED drivers can be grouped together for pre-
programmed flashing patterns.
The LP55231 has three independent program execution engines, so it is possible to form three independently
programmable LED banks. LED drivers can be grouped based on their function so that, for example, the first
bank of drivers can be assigned to the keypad illumination, the second bank to the funlights, and the third group
to the indicator LED(s).
Each bank can contain 1 to 9 LED driver outputs. Instructions for program execution engines are stored in the
program memory. The total amount of the program memory is 96 instructions, and the user can allocate the
memory as required by the engines.
7.3.2 LED Error Detection
The LP55231 has built-in LED error detection. Error detection does not only detect open and short circuit, but
provides an opportunity to measure the VFs of the LEDs. The test event is activated by a serial interface write,
and the result can be read through the serial interface during the next cycle. This feature can also be addressed
to measure the voltage on the VDD, VOUT, and INT pins. Typical example usage includes monitoring battery
voltage or using INT pin as a light sensor interface.
7.3.3 Energy Efficiency
When charge-pump automatic mode selection is enabled, the LP55231 monitors the voltage over the drivers of
D1 to D6 so that the device can select the best charge-pump gain and maintain good efficiency over the whole
operating voltage range. The red LED element of an RGB LED typically has a forward voltage of about 2 V. For
that reason, the outputs D7, D8, and D9 are internally powered by VDD, since battery voltage is high enough to
drive red LEDs over the whole operating voltage range. This allows the driving of three RGB LEDs with good
efficiency because the red LEDs do not load the charge pump. LP55231 is able to automatically enter power-
save mode when LED outputs are not active, thus lowering idle current consumption down to 10 µA (typical).
Also, during the downtime of the PWM cycle (constant current output status is low), additional power savings can
be achieved when the PWM power-save feature is enabled.
7.3.4 Temperature Compensation
The luminance of an LED is typically a function of its temperature even though the current flowing through the
LED remains constant. Since luminance is temperature dependent, many LED applications require some form of
temperature compensation to decrease luminance and color purity variations due to temperature changes. The
LP55231 has a built-in temperature-sensing element, and PWM duty cycle of the LED drivers changes linearly in
relationship to changes in temperature. User can select the slope of the graph (31 slopes) based on the LED
characteristics (see Figure 13). This compensation can be done either constantly, or only right after the device
wakes up from powersave mode, to avoid error due to self-heating of the device. Linear compensation is
considered to be practical and accurate enough for most LED applications.
Compensation is effective over the temperature range
−40°C to +90°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com