Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55231 Datasheet(PDF) 41 Page - Texas Instruments

Part # LP55231
Description  LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55231 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
41
LP55231
www.ti.com
SNOSCR5D – MARCH 2013 – REVISED DECEMBER 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.6.4.4 Wait
When a wait instruction is executed, the engine is set in wait status, and the PWM values on the outputs are
frozen.
NAME
VALUE (d)
DESCRIPTION
prescale
0
Divide master clock (32.7 kHz) by 16 which means 0.488 ms cycle time.
1
Divide master clock (32 768 Hz) by 512 which means 15.625 ms cycle time.
time
1 - 31
Total wait time is = (time) × (prescale). Maximum 484 ms, minimum 0.488 ms.
7.6.5 LED Mapping Instructions
These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is
stored in the SRAM (program memory of the LP55231). LP55231 has three program execution engines which
can be mapped to 9 LED drivers. One engine can control one or multiple LED drivers. There are totally eleven
instructions for the engine-to-LED-driver control: mux_ld_start, mux_map_start, mux_ld_end, mux_sel, mux_clr,
mux_map_next, mux_map_prev, mux_ld_next, mux_ld_prev, mux_ld_addr and mux_map_addr.
7.6.5.1 MUX_LD_START; MUX_LD_END
Mux_ld_start and mux_ld_end define the mapping table location in the memory.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0-95
Mapping table start/end address
7.6.5.2 MUX_MAP_START
Mux_map_start defines the mapping table start address in the memory, and the first row of the table is activated
(mapped) at the same time.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0-95
Mapping table start address
7.6.5.3 MUX_SEL
With mux_sel instruction one, and only one, LED driver can be connected to a program execution engine.
Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released
from an LED, PWM register value still controls the LED brightness.
NAME
VALUE (d)
DESCRIPTION
LED select
0-16
0 = no drivers selected
1 = LED1 selected
2 = LED2 selected
...
9 = LED9 selected
7.6.5.4 MUX_CLR
Mux_clr clears engine-to-driver mapping. After the mapping has been released from an LED, the PWM register
value still controls the LED brightness.
7.6.5.5 MUX_MAP_NEXT
This instruction sets the next row active in the mapping table each time it is called. For example, if the 2nd row is
active at this moment, after mux_map_next instruction call the 3rd row is active. If the mapping table end
address is reached, activation rolls to the mapping table start address next time when the mux_map_next
instruction is called. The engine does not push a new PWM value to the LED driver output before set_pwm or
ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register still
controls the LED brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com