Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0535 Datasheet(PDF) 6 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 6 Page - DFROBOT

Back Button DFR0535 Datasheet HTML 2Page - DFROBOT DFR0535 Datasheet HTML 3Page - DFROBOT DFR0535 Datasheet HTML 4Page - DFROBOT DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT DFR0535 Datasheet HTML 10Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
Maximum Power Point Tracking, MPPT
The MPPT (Maximum Power Point Tracking) can ensure the solar panel output power maintains
at its maximum under different loads and sunlight, maximizing the conversion efficiency. We can
identify the short circuit current I
SC
and the open circuit voltage V
OC
from the cross points of the I/V
curve (green) with x and y axis respectively. The I
SC
and V
OC
grow larger with the illumination
increasing. With the output voltage V
PANEL
growing, the output current I
PANEL
gradually decreases and
then jumps down after crosses a special point V
MP
, the maximum power voltage. By multiplying the
voltage and current, which obviously results in power, and take the output voltage as the x axis, we
obtain the P/V curve (blue). The output power P
PANEL
reaches its peak when the output voltage is at
V
MP
. Although the maximum power increases with illumination, the V
MP
changes little. Therefore, we
may approximately take the V
MP
as a constant for a specific solar panel under different illumination.
IV/PV characteristic curve of a typical solar panel (picture from Linear Technology)
Inspired by the observation above, the LTC3652 solar power management IC (employed by this
module) maximizes the output power by keeping the output voltage at the vicinity of V
MP
, which is
also called constant voltage MPPT algorithm. Benefited from this feature, the module has a better
conversion efficiency compared to common solar battery charger.
Solar Panel Selection
Users can plug in any kinds of solar panel (monocrystal, polycrystal, thin flim) as long as the open
circuit voltage within 7V~30V. Taking the size, weight, price of the panel and the 2A maximum
charge current of the module all these factors into consideration, it is recommended to connect a
solar panel with no more than 20W to the SOLAR IN terminal.
The input voltage of SOLAR IN SHOULD NOT exceed 30V, or the module may be permanently 
damaged. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com