Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0535 Datasheet(PDF) 10 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 10 Page - DFROBOT

Back Button DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT DFR0535 Datasheet HTML 10Page - DFROBOT DFR0535 Datasheet HTML 11Page - DFROBOT DFR0535 Datasheet HTML 12Page - DFROBOT DFR0535 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LED Indicators
There are three types of LED indicators indicating the operation status of different parts of the
module:
Reverse connection LED indicators: when the battery or solar panel are reverse connected at the
BAT IN or SOLAR IN, the corresponding orange LEDs REV BAT or REV SOLAR turn ON, informing
the user a reverse connection error.
Charge LED indicators: when using the USB IN to charge the battery, the CHG USB LED (red)
turns ON. If the battery is fully charged, the CHG USB LED turns OFF and the DONE LED (green)
turn ON.The DONE is only used to indicate whether the battery is fully charged or not with
USB IN and does not apply to SOALR IN. If no battery is connected, both LEDs turn ON. When
using the SOLAR IN to charge the battery, CHG SOLAR (red) turn ON. This LED will be turned off
when the battery is fully charge, and flash when no battery is connected to BAT IN. If the sunlight is
too weak, the circuit may fail to charge the battery with solar panel. The CHG SOLAR turns OFF. It
should be noted that when changing the battery with SOLAR IN and discharging it on regulated
output OUT at the same time, CHG SOLAR will be ALWAYS ON, no matter the battery is fully
charged or not. Use the analog input to read whether the battery voltage is close to 4.2V to
determine whether the battery is fully charged under such situation.
Note: When the MPPT function is turned on or off, the CHG SOLAR solar charge indicator
will perform differently.
When the MPPT function is turned on, CHG SOLAR does not light up if the battery charge current 
is less than 250mA. Although the battery is still being charged with a small current, it means that 
the solar panel is under weak light, or it is not directly facing the sun. 
When the MPPT function is turned off, as long as the open circuit voltage of the solar panel is 
higher than 7V, the CHG SOLAR will be turned on, irrespective of charge current flowing into the 
battery. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com