Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0535 Datasheet(PDF) 9 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 9 Page - DFROBOT

Back Button DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT DFR0535 Datasheet HTML 10Page - DFROBOT DFR0535 Datasheet HTML 11Page - DFROBOT DFR0535 Datasheet HTML 12Page - DFROBOT DFR0535 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Except from USB OUT, the OUT1-OUT3 can be turned ON/OFF by all 3.3V and 5V controllers (such
as Arduino, FireBeetle or Raspberry Pi etc.). Pull out the jumper on the blue header, the
corresponding output will be shutdown (LED indicator ON turns dark). Connect any IO and GND pin
of the controller to the EN and GND pin of the module respectively. When the IO pin is driven HIGH,
the regulated output turns on. When driven LOW, the output turns OFF. This function is extremely
useful in low power application. For example, connect all VCC and GND pins of the peripherals
(sensors or other modules) to the OUT1 and GND1 pins. Turn on OUT1 and read all the data from
the sensors. Turn off OUT1 and put the controller into sleep mode for example 1s until next wake up.
By cycling the system into such discontinuous (or pulse) operation pattern, the average power
consumption can be greatly reduced. Average power consumption and data acquisition interval are
the trade off under such situation.
Attention
Turn off OUT1 5V output will not turn off USB OUT 5V output, which CAN NOT be shutdown. 
The total output power of USB OUT and OUT1 should not exceed 5V*1.5A=7.5W. 
When OUT1 and OUT3 are turned ON, the corresponding GND1 and GND3 will be connected to 
the system ground GND. When they are turned OFF, GND1 and GND3 become floating 
(disconnected from GND). 
Regulated power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com