Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0535 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR0535 Datasheet HTML 3Page - DFROBOT DFR0535 Datasheet HTML 4Page - DFROBOT DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT DFR0535 Datasheet HTML 10Page - DFROBOT DFR0535 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MPPT SET
MPPT SET provides quick setting of the MPPT voltage. Three commonly used solar panel voltage
9V, 12V and 18V are available. Switch one bit of the 4P DIP switch (others remains OFF) according
to the norminal voltage of the panel. To disable the MPPT function, switch the last bit (the OFF bit,
label No. 1) to ON. This bit has the top priority. Once it is at ON, the MPPT function will be disabled
no matter the status of other bits. By disabling MPPT function, The SOLAR IN becomes a buck type
DC-DC Li battery charger
MPPT SET DIP switch
Attention
If the sunlight is too weak, the open circuit voltage of the panel may be below the MPPT voltage. 
The SOLAR IN can not charge the battery under such condition, but users can still turn off the 
MPPT function to continue charging the battery with small current. 
Battery Selection
The battery input BAT IN provides two connectors JST PH2.0 and KF301 5.08mm 2P terminal,
which directly connect each other internally. Usually, connect one 3.7V Li-polymer/Li-ion battery
(4.2V when fully charged) to one of the connectors. The maximum charge current can be up to 2A
for USB IN or SOLAR IN. Safety issue may arise if the charging current exceeds the nominal charge
current of the battery, which is often determined by the capacity and charge rate of a battery. The
maximum allowable charge current of a battery can be calculated with the equation: Maximum
charge current(mA) = Capacity(mAH) * Charge rate(C). Use this equation to check whether the
battery is suitable. For commonly used 1C (charge rate) Li battery, the capacity should be at less
2000mAh. For higher charge rate battery, smaller capacity can be used. Some Li batteries are
packed with battery protection circuit to automatically limit the charge/discharge current. For such
batteries, users are free of worrying about the charge current issue stated above.
DO NOT use nonchargeable battery or chargeable battery not described above. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com