Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M05CT... Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM78M05CT...
Description  3-Terminal 0.5 A Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM78M05CT... Datasheet(HTML) 4 Page - ON Semiconductor

  LM78M05CT... Datasheet HTML 1Page - ON Semiconductor LM78M05CT... Datasheet HTML 2Page - ON Semiconductor LM78M05CT... Datasheet HTML 3Page - ON Semiconductor LM78M05CT... Datasheet HTML 4Page - ON Semiconductor LM78M05CT... Datasheet HTML 5Page - ON Semiconductor LM78M05CT... Datasheet HTML 6Page - ON Semiconductor LM78M05CT... Datasheet HTML 7Page - ON Semiconductor LM78M05CT... Datasheet HTML 8Page - ON Semiconductor LM78M05CT... Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 2.5
3
Electrical Characteristics
Refer to the test circuits, -40 < TJ < +125°C, IO = 350 mA, VI = 10 V, CI = 0.33 μF, CO = 0.1 μF unless otherwise speci-
fied.(4)
Notes:
4. The parameters are guaranteed across the temperature range by characterization.
5. Load and line regulation are specified at constant junction temperature. Change in Vo due to heating effects must be
taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
4.8
5.0
5.2
V
IO = 5 mA to 350 mA,
VI = 7 V to 20 V
4.75
5.00
5.25
ΔVO
Line Regulation(5)
IO = 200 mA
TJ = +25°C
VI = 7 V to 25 V
100
mV
VI = 8 V to 25 V
50
ΔVO
Load Regulation(5)
IO = 5 mA to 0.5 A, TJ = +25°C
100
mV
IO = 5 mA to 200 mA, TJ = +25 °C50
IQ
Quiescent Current
TJ = +25°C4.0
6.0
mA
ΔIQ
Quiescent Current Change
IO = 5 mA to 350 mA
0.5
mA
IO = 200 mA,
VI = 8 V to 25 V
0.8
ΔV/ΔT
Output Voltage Drift
IO = 5 mA
TJ = -40 to +125°C
-0.5
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz
40
μV/Vo
RR
Ripple Rejection
f = 120 Hz, IO = 300 mA
VI = 8 V to 18 V, TJ = +25 °C
80
dB
VD
Dropout Voltage
TJ = +25°C, IO = 500 mA
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = 35 V
300
mA
IPK
Peak Current
TJ = +25°C700
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com