Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M05CT... Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM78M05CT...
Description  3-Terminal 0.5 A Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM78M05CT... Datasheet(HTML) 3 Page - ON Semiconductor

  LM78M05CT... Datasheet HTML 1Page - ON Semiconductor LM78M05CT... Datasheet HTML 2Page - ON Semiconductor LM78M05CT... Datasheet HTML 3Page - ON Semiconductor LM78M05CT... Datasheet HTML 4Page - ON Semiconductor LM78M05CT... Datasheet HTML 5Page - ON Semiconductor LM78M05CT... Datasheet HTML 6Page - ON Semiconductor LM78M05CT... Datasheet HTML 7Page - ON Semiconductor LM78M05CT... Datasheet HTML 8Page - ON Semiconductor LM78M05CT... Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 2.5
2
Block Diagram
Figure 1. Block Diagram
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Notes:
2. Thermal resistance test board.
Size: 76.2 mm x 114.3 mm x 1.6 mm (1S0P)
JEDEC standard: JESD51-3, JESD51-7
3. Assume no ambient airflow.
Symbol
Parameter
Value
Unit
VI
Input Voltage (for VO = 5 V)
35
V
RθJC
Thermal Resistance, Junction-Case(2)
TO-220 (TC = +25°C)
2.5
°C/W
RθJA
Thermal Resistance, Junction-Air(2), (3)
TO-220 (TA = +25°C)
66
°C/W
D-PAK (TA = +25°C)
92
TOPR
Operating Junction Temperature Range
-40 to +125
°C
TJ(MAX)
Maximum Junction Temperature Range
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
OUTPUT
3
R1
R2
GND
2
1
INPUT
SERIES
PASS
ELEMENT
SOA
PROTECTION
CURRENT
GENERATOR
STARTING
CIRCUIT
REFERENCE
VOLTAGE
ERROR
AMPLIFIER
THERMAL
PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com