Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M05CT... Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM78M05CT...
Description  3-Terminal 0.5 A Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM78M05CT... Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM78M05CT... Datasheet HTML 2Page - ON Semiconductor LM78M05CT... Datasheet HTML 3Page - ON Semiconductor LM78M05CT... Datasheet HTML 4Page - ON Semiconductor LM78M05CT... Datasheet HTML 5Page - ON Semiconductor LM78M05CT... Datasheet HTML 6Page - ON Semiconductor LM78M05CT... Datasheet HTML 7Page - ON Semiconductor LM78M05CT... Datasheet HTML 8Page - ON Semiconductor LM78M05CT... Datasheet HTML 9Page - ON Semiconductor LM78M05CT... Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 2.5
5
Typical Applications (Continued)
Figure 4. Circuit for Increasing Output Voltage
Figure 5. Adjustable Output Regulator (7 to 30 V)
Figure 6. 0.5 to 10 V Regulator
0.1
μF
CO
CI
0.33
μF
IO
VI
1
3
2
VXX
VO
R1
R2
IR1 ≥ 5IO
VO = VXX (1+R2/R1) +IOR2
KA78M05
LM78M05
MC78M05
0.1
μF
CO
CI
0.33
μF
VO
VI
1
3
2
10 k
Ω
3
2
4
7
6
LM741
KA78M05
LM78M05
MC78M05
0.1
μF
C2
C1
0.33
μF
VO
VI
1
3
2
10 k
Ω
3
2
4
7
6
LM741
R3
R1
VXX
R4
R5
910
Ω
9.1 k
Ω
13 V < VI < 25 V
-7 V < -VI < 17 V
_
+
VO = VXX R
1
R4
KA78M05
LM78M05
MC78M05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com