Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M05CT... Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM78M05CT...
Description  3-Terminal 0.5 A Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM78M05CT... Datasheet(HTML) 2 Page - ON Semiconductor

  LM78M05CT... Datasheet HTML 1Page - ON Semiconductor LM78M05CT... Datasheet HTML 2Page - ON Semiconductor LM78M05CT... Datasheet HTML 3Page - ON Semiconductor LM78M05CT... Datasheet HTML 4Page - ON Semiconductor LM78M05CT... Datasheet HTML 5Page - ON Semiconductor LM78M05CT... Datasheet HTML 6Page - ON Semiconductor LM78M05CT... Datasheet HTML 7Page - ON Semiconductor LM78M05CT... Datasheet HTML 8Page - ON Semiconductor LM78M05CT... Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 2.5
January 2015
KA78M05 / LM78M05 / MC78M05
3-Terminal 0.5 A Positive Voltage Regulator
Features
• Output Current up to 0.5 A
• Output Voltages of 5 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area (SOA) Protection
Ordering Information(1)
Note:
1. Refer to below figure for TM / TF suffix of DPAK packing option.
Product Number
Package
Packing Method
Operating Temperature
KA78M05TU
TO-220 (Dual Gauge)
Rail
-40 to +125
°C
KA78M05RTM
D-PAK
Tape and Reel
MC78M05CDTX
LM78M05CT
TO-220 (Single Gauge)
Rail
Description
The KA78M05 / LM78M05 / MC78M05 series of three-
terminal positive regulators is available in the TO-220 / D-
PAK packages, making it useful in a wide range of appli-
cations.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com