Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3421 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 20Page - Texas Instruments ADC3421 Datasheet HTML 21Page - Texas Instruments ADC3421 Datasheet HTML 22Page - Texas Instruments ADC3421 Datasheet HTML 23Page - Texas Instruments ADC3421 Datasheet HTML 24Page - Texas Instruments ADC3421 Datasheet HTML 25Page - Texas Instruments ADC3421 Datasheet HTML 26Page - Texas Instruments ADC3421 Datasheet HTML 27Page - Texas Instruments ADC3421 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Frequency (MHz)
0
5
10
15
20
25
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D611
Frequency (MHz)
0
5
10
15
20
25
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D612
Frequency (MHz)
0
5
10
15
20
25
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D609
Frequency (MHz)
0
5
10
15
20
25
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D610
Frequency (MHz)
0
5
10
15
20
25
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D607
Frequency (MHz)
0
5
10
15
20
25
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D608
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics: ADC3422 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 50 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
SFDR = 75 dBc, SNR = 69 dBFS, SINAD = 67.9 dBFS,
SFDR = 75 dBc, SNR = 69.2 dBFS, SINAD = 67.9 dBFS,
THD = 74 dBc, HD2 = 75 dBc, HD3 = 81 dBc
THD = 73 dBc, HD2 = 75 dBc, HD3 = 81 dBc
Figure 37. FFT for 270-MHz Input Signal (Dither On)
Figure 38. FFT for 270-MHz Input Signal (Dither Off)
SFDR = 68 dBc, SNR = 67.2 dBFS, SINAD = 67.1 dBFS,
SFDR = 68 dBc, SNR = 67.5 dBFS, SINAD = 67.4 dBFS,
THD = –86 dBc, HD2 = 75 dBc, HD3 = 73 dBc
THD = –87 dBc, HD2 = –68 dBc, HD3 = –87 dBc
Figure 39. FFT for 450-MHz Input Signal (Dither On)
Figure 40. FFT for 450-MHz Input Signal (Dither Off)
fIN1 = 46 MHz, fIN2 = 50 MHz, IMD3 = 102 dBFS,
fIN1 = 46.3 MHz, fIN2 = 50.3 MHz, IMD3 = 110 dBFS,
each tone at –7 dBFS
each tone at –36 dBFS
Figure 41. FFT for Two-Tone Input Signal
Figure 42. FFT for Two-Tone Input Signal
(–7 dBFS at 46 MHz and 50 MHz)
(–36 dBFS at 46 MHz and 50 MHz)
24
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com