Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3421 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 2Page - Texas Instruments ADC3421 Datasheet HTML 3Page - Texas Instruments ADC3421 Datasheet HTML 4Page - Texas Instruments ADC3421 Datasheet HTML 5Page - Texas Instruments ADC3421 Datasheet HTML 6Page - Texas Instruments ADC3421 Datasheet HTML 7Page - Texas Instruments ADC3421 Datasheet HTML 8Page - Texas Instruments ADC3421 Datasheet HTML 9Page - Texas Instruments ADC3421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
7.4 Thermal Information
ADC342x
THERMAL METRIC(1)
RTQ (VQFN)
UNIT
56 PINS
RθJA
Junction-to-ambient thermal resistance
25.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
9.5
°C/W
RθJB
Junction-to-board thermal resistance
3.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
3.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics: General
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, maximum sampling rate, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Differential input full-scale
2.0
VPP
ri
Input resistance
Differential at dc
6.6
k
Ω
ci
Input capacitance
Differential at dc
3.7
pF
VOC(VCM)
VCM common-mode voltage output
0.95
V
VCM output current capability
10
mA
Input common-mode current
Per analog input pin
1.5
µA/MSPS
50-
Ω differential source driving 50-Ω termination
Analog input bandwidth (3 dB)
540
MHz
across INP and INM
DC ACCURACY
EO
Offset error
–25
25
mV
αEO
Temperature coefficient of offset error
± 0.024
mV/°C
Gain error as a result of internal
EG(REF)
–2
2
%FS
reference inaccuracy alone
EG(CHAN)
Gain error of channel alone
–2
%FS
α(EGCHAN)
Temperature coefficient of EG(CHAN)
±0.008
Δ%FS/Ch
CHANNEL-TO-CHANNEL ISOLATION
Near channel
105
fIN = 10 MHz
Far channel
105
Near channel
95
fIN = 100 MHz
Far channel
105
Near channel
94
Crosstalk(1)
fIN = 200 MHz
dB
Far channel
105
Near channel
92
fIN = 230 MHz
Far channel
105
Near channel
85
fIN = 300 MHz
Far channel
105
(1)
Crosstalk is measured with a –1-dBFS input signal on the aggressor channel and no input on the victim channel.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com