Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3421 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 5 Page - Texas Instruments

  ADC3421 Datasheet HTML 1Page - Texas Instruments ADC3421 Datasheet HTML 2Page - Texas Instruments ADC3421 Datasheet HTML 3Page - Texas Instruments ADC3421 Datasheet HTML 4Page - Texas Instruments ADC3421 Datasheet HTML 5Page - Texas Instruments ADC3421 Datasheet HTML 6Page - Texas Instruments ADC3421 Datasheet HTML 7Page - Texas Instruments ADC3421 Datasheet HTML 8Page - Texas Instruments ADC3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Analog supply voltage range, AVDD
–0.3
2.1
V
Digital supply voltage range, DVDD
–0.3
2.1
V
INAP, INBP, INCP, INDP, INAM, INBM, INCM, INDM
–0.3
min (1.9, AVDD + 0.3)
CLKP, CLKM
–0.3
AVDD + 0.3
Voltage applied to
V
input pins
SYSREFP, SYSREFM
–0.3
AVDD + 0.3
SCLK, SEN, SDATA, RESET, PDN
–0.3
3.9
Operating free-air, TA
–40
85
Temperature
Operating junction, TJ
125
ºC
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage range
1.7
1.8
1.9
V
DVDD
Digital supply voltage range
1.7
1.8
1.9
V
ANALOG INPUT
For input frequencies < 450 MHz
2
VID
Differential input voltage
VPP
For input frequencies < 600 MHz
1
VIC
Input common-mode voltage
VCM ± 0.025
V
CLOCK INPUT
Input clock frequency
Sampling clock frequency
15(2)
125(3)
MSPS
Sine wave, ac-coupled
0.2
1.5
Input clock amplitude (differential)
LPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
Input clock duty cycle
35%
50%
65%
Input clock common-mode voltage
0.95
V
DIGITAL OUTPUTS
Maximum external load capacitance
CLOAD
3.3
pF
from each output pin to GND
RLOAD
Single-ended load resistance
100
Ω
(1)
After power-up, use only the RESET pin to reset the device for the first time; see the Register Initialization section for details.
(2)
See Table 3 for details.
(3)
With the clock divider enabled by default for divide-by-1. Maximum sampling clock frequency for the divide-by-4 option is 500 MSPS.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com