Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3421 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 1 Page - Texas Instruments

  ADC3421 Datasheet HTML 1Page - Texas Instruments ADC3421 Datasheet HTML 2Page - Texas Instruments ADC3421 Datasheet HTML 3Page - Texas Instruments ADC3421 Datasheet HTML 4Page - Texas Instruments ADC3421 Datasheet HTML 5Page - Texas Instruments ADC3421 Datasheet HTML 6Page - Texas Instruments ADC3421 Datasheet HTML 7Page - Texas Instruments ADC3421 Datasheet HTML 8Page - Texas Instruments ADC3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D201
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
1 Features
3 Description
The ADC342x are a high-linearity, ultra-low power,
1
•
Quad Channel
quad-channel,
12-bit,
25-MSPS
to
125-MSPS,
•
12-Bit Resolution
analog-to-digital converter (ADC) family. The devices
•
Single Supply: 1.8 V
are designed specifically to support demanding, high
input frequency signals with large dynamic range
•
Serial LVDS Interface
requirements. An input clock divider allows more
•
Flexible Input Clock Buffer with Divide-by-1, -2, -4
flexibility for system clock architecture design and the
•
SNR = 70.2 dBFS, SFDR = 87 dBc at
SYSREF
input
enables
complete
system
fIN = 70 MHz
synchronization. The ADC342x family supports serial
low-voltage differential signaling (LVDS) in order to
•
Ultra-Low Power Consumption:
reduce the number of interface lines, thus allowing for
–
98 mW/Ch at 125 MSPS
high system integration density. The serial LVDS
•
Channel Isolation: 105 dB
interface is two-wire, where each ADC data are
•
Internal Dither and Chopper
serialized and output over two LVDS pairs. An
internal
phase-locked
loop
(PLL)
multiplies
the
•
Support for Multi-Chip Synchronization
incoming ADC sampling clock to derive the bit clock
•
Pin-to-Pin Compatible with 14-Bit Version
that is used to serialize the 12-bit output data from
•
Package: VQFN-56 (8 mm × 8 mm)
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs.
2 Applications
•
Multi-Carrier, Multi-Mode Cellular Base Stations
Device Information(1)
•
Radar and Smart Antenna Arrays
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Munitions Guidance
ADC342x
VQFN (56)
8.00 mm × 8.00 mm
•
Motor Control Feedback
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
•
Network and Vector Analyzers
•
Communications Test Equipment
space
•
Nondestructive Testing
space
•
Microwave Receivers
space
•
Software-Defined Radios (SDRs)
space
•
Quadrature and Diversity Radio Receivers
space
space
Spectrum at 10-MHz IF
(SFDR = 97 dBc, SNR = 70.4 dBFS, SINAD = 70.4 dBFS,
THD = 98 dBc, HD2 = 95 dBc, HD3 = 97 dBc)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC3421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421IRTQ25 TI1-ADC3421IRTQ25 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421IRTQR TI1-ADC3421IRTQR Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADC3421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com