Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5294IPFP Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 19Page - Texas Instruments ADS5294IPFP Datasheet HTML 20Page - Texas Instruments ADS5294IPFP Datasheet HTML 21Page - Texas Instruments ADS5294IPFP Datasheet HTML 22Page - Texas Instruments ADS5294IPFP Datasheet HTML 23Page - Texas Instruments ADS5294IPFP Datasheet HTML 24Page - Texas Instruments ADS5294IPFP Datasheet HTML 25Page - Texas Instruments ADS5294IPFP Datasheet HTML 26Page - Texas Instruments ADS5294IPFP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
−96
−86
−76
−66
−56
−46
−36
−26
−16
−6 0
0
10
20
30
40
50
60
70
80
90
100
110
120
74
74.5
75
75.5
76
76.5
77
77.5
78
78.5
79
79.5
80
Input amplitude (dBFS)
SNR
SFDR(dBc)
SFDR(dBFS)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
82
83
84
85
86
87
88
72
73
74
75
76
77
78
Input Clock Amplitude, differential (Vp−p)
SFDR
SNR
60
64
68
72
76
80
0
1
2
3
4
5
6
7
8
9
10
11
12
Digital gain (dB)
Input frequency = 10 MHz
Input frequency = 70 MHz
G001
70
74
78
82
86
90
0
1
2
3
4
5
6
7
8
9
10
11
12
Digital gain (dB)
Input frequency = 10 MHz
Input frequency = 70 MHz
G001
70
71
72
73
74
75
76
77
5
15
25
35
45
55
65
75
85
Input Signal frequency (MHz)
70
72
74
76
78
80
82
84
86
5
15
25
35
45
55
65
75
85
Input Signal frequency (MHz)
23
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 14 Bit/ 80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 14. Signal-To-Noise Ratio vs Input Signal Frequency
Figure 15. Spurious-Free Dynamic Range vs Input Signal
Frequency
Figure 16. SNR vs Digital Gain
Figure 17. SFDR vs Digital Gain
Figure 18. Performance vs Input Amplitude
Figure 19. Performance vs Clock Input Amplitudes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com