Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5294IPFP Datasheet(PDF) 46 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 42Page - Texas Instruments ADS5294IPFP Datasheet HTML 43Page - Texas Instruments ADS5294IPFP Datasheet HTML 44Page - Texas Instruments ADS5294IPFP Datasheet HTML 45Page - Texas Instruments ADS5294IPFP Datasheet HTML 46Page - Texas Instruments ADS5294IPFP Datasheet HTML 47Page - Texas Instruments ADS5294IPFP Datasheet HTML 48Page - Texas Instruments ADS5294IPFP Datasheet HTML 49Page - Texas Instruments ADS5294IPFP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
46
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9.6.1 Description Of Serial Registers
9.6.1.1 Power-Down Modes
Table 7. Power-Down Mode Register
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
0F
X
X
X
X
X
X
X
X
PDN_CH<8:1>
X
PDN_PARTIAL
X
PDN_COMPLETE
X
PDN_PIN_CFG
Each of the eight channels can be individually powered down. PDN_CH<N> controls the power-down mode for
ADC channel <N>. In addition to channel-specific power-down, the ADS5294 also has two global power-down
modes:
1. The partial power-down mode partially powers down the chip. Recovery time from the partial power-down
mode is about 10 µs provided that the clock has been running for at least 50 µs before exiting this mode.
2. The complete power-down mode completely powers down the chip This mode involves a much longer
recovery time 100 µs.
In addition to programming the chip in either of these two power-down modes (through either the PDN_PARTIAL
or PDN_COMPLETE bits), the PD pin itself can be configured as either a partial power-down pin or a complete
power-down pin control. For example, if PDN_PIN_CFG=0 (default), when the PD pin is high, the device enters
complete power-down mode. However, if PDN_PIN_CFG=1, when the PD pin is high, the device enters partial
power-down mode.
9.6.1.2 Low Frequency Noise Suppression Mode
Table 8. Low Frequency Noise Suppression Mode Register
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
14
X
X
X
X
X
X
X
X
LFNS_CH<8:1>
The low-frequency noise suppression mode is useful in applications where good noise performance is desired in
the frequency band of 0 to 1 MHz (around DC). Setting this mode shifts the low-frequency noise of the ADS5294
to approximately Fs / 2, thereby, moving the noise floor around DC to a much lower value. LFNS_CH<8:1>
enables this mode individually for each channel. See Figure 38 and Figure 39.
9.6.1.3 Analog Input Invert
Table 9. Analog Input Invert Register
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
24
X
X
X
X
X
X
X
X
INVERT_CH<8:1>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com