| Electronic Components Datasheet Search |
|
ADS5294IPFP Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5294IPFP Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 82 page ![]() 52 ADS5294 SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 www.ti.com Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated In the default mode of operation, the LVDS outputs <8..1> contain the data of the ADC Channels <8..1>. By setting the EN_CHANNEL_AVG bit to ‘1’, the outputs from multiple channels can be averaged. The resulting outputs from the Channel averaging block (which is bypassed in the default mode) are referred to as Bins. The contents of the Bins <8..1> come out on the LVDS outputs <8..1>. The contents of each of the eight Bins are determined by the register bits marked AVG_CTRLn<1:0> where n stands for the Bin number. The different settings are shown in the following table: Table 15. Channel Averaging AVG_CTRL1<1> AVG_CTRL1<0> Contents of Bin 1 0 0 Zero 0 1 ADC Channel 1 1 0 Average of ADC Channel 1, 2 1 1 Average of ADC Channel 1, 2, 3, 4 AVG_CTRL2<1> AVG_CTRL2<0> Contents of Bin 2 0 0 Zero 0 1 ADC Channel 2 1 0 ADC Channel 3 1 1 Average of ADC Channel 3, 4 AVG_CTRL3<1> AVG_CTRL3<0> Contents of Bin 3 0 0 Zero 0 1 ADC Channel 3 1 0 ADC Channel 2 1 1 Average of ADC Channel 1, 2 AVG_CTRL4<1> AVG_CTRL4<0> Contents of Bin 4 0 0 Zero 0 1 ADC Channel 4 1 0 Average of ADC Channel 3, 4 1 1 Average of ADC Channel 1, 2, 3, 4 AVG_CTRL5<1> AVG_CTRL5<0> Contents of Bin 5 0 0 Zero 0 1 ADC Channel 5 1 0 Average of ADC Channel 5, 6 1 1 Average of ADC Channel 5, 6, 7, 8 AVG_CTRL6<1> AVG_CTRL6<0> Contents of Bin 6 0 0 Zero 0 1 ADC Channel 6 1 0 ADC Channel 7 1 1 Average of ADC Channel 7, 8 AVG_CTRL7<1> AVG_CTRL7<0> Contents of Bin 7 0 0 Zero 0 1 ADC Channel 7 1 0 ADC Channel 6 1 1 Average of ADC Channel 6, 5 AVG_CTRL8<1> AVG_CTRL8<0> Contents of Bin 8 0 0 Zero 0 1 ADC Channel 8 1 0 Average of ADC Channel 7, 8 1 1 Average of ADC Channel 5, 6, 7, 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |