Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5294IPFP Datasheet(PDF) 27 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 23Page - Texas Instruments ADS5294IPFP Datasheet HTML 24Page - Texas Instruments ADS5294IPFP Datasheet HTML 25Page - Texas Instruments ADS5294IPFP Datasheet HTML 26Page - Texas Instruments ADS5294IPFP Datasheet HTML 27Page - Texas Instruments ADS5294IPFP Datasheet HTML 28Page - Texas Instruments ADS5294IPFP Datasheet HTML 29Page - Texas Instruments ADS5294IPFP Datasheet HTML 30Page - Texas Instruments ADS5294IPFP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
80
100
120
140
160
180
200
220
240
10
20
30
40
50
60
70
80
Sampling Frequency (MSPS)
30
50
70
90
110
130
150
170
190
10
20
30
40
50
60
70
80
Sampling Frequency (MSPS)
2−wire
1−wire
1−wire Decimate by 2
150
200
250
300
350
400
450
10
20
30
40
50
60
70
80
Sampling Frequency (MSPS)
50
75
100
125
150
175
200
225
250
275
300
325
350
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Sampling Frequency (MSPS)
2−wire
1−wire
1−wire Decimate by 2
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (MHz)
LF noise suppression enabled
LF noise suppression disabled
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
39
39.1 39.2 39.3 39.4 39.5 39.6 39.7 39.8 39.9
40
Frequency (MHz)
LF noise suppression enabled
LF noise suppression disabled
27
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 14 Bit/ 80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 38. FFT (0 to 1 MHz) for 5-MHz Input Signal, Sample
Rate = 80 MSPS with Low Frequency Noise Suppression
Enabled
Figure 39. FFT (39 MHz to 40 MHz) for 5-MHz Input Signal,
Sample Rate = 80 MSPS with Low Frequency Noise
Suppression Enabled
Figure 40. Power Consumption on Analog Supply
Figure 41. Power Consumption on Digital Supply
Figure 42. Supply Current on Analog Supply
Figure 43. Supply Current on Digital Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com