Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R8M2TA Datasheet(PDF) 4 Page - RAMXEED LIMITED

Part # MB85R8M2TA
Description  8 M (512 K × 16) Bit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R8M2TA Datasheet(HTML) 4 Page - RAMXEED LIMITED

  MB85R8M2TA Datasheet HTML 1Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 2Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 3Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 4Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 5Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 6Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 7Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 8Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
DS501-00070-2v1-E
MB85R8M2TA
PIN DESCRIPTIONS
Pin Number(FBGA)
Pin Number(TSOP) Pin Name
Functional Description
A3, A4, A5, B3, B4, C3,
C4, D4, H2, H3, H4, H5,
G3, G4, F3, F4, E4, D3,
H1
5 to 1, 44 to 42,
28 to 23, 22 to 18
A0 to A18
Address Input pins
Select 524,288 words in FeRAM
memory array by 19 Address Input
pins. When these address inputs are
changed during /CE equals to “L”
level, reading operation of data
selected in the address after transition
will start.
B6, C5, C6, D5, E5, F5,
F6, G6, B1, C1, C2, D2
E2, F2, F1, G1
7 to 10, 13 to 16,
29 to 32, 35 to 38
I/O0 to
I/O15
Data Input/Output pins
These are 16 bits bidirectional pins for
reading and writing.
B5
6
/CE
Chip Enable Input pin
In case the /CE equals to “L” level and
/ZZ equals to “H” level, device is
activated and enables to start memory
access.
In writing operation, input data from I/O
pins are latched at the rising edge of /CE
and written to FeRAM memory array.
G5
17
/WE
Write Enable Input pin
Writing operation starts at the falling
edge of /WE.
Input data from I/O pins are latched at
the rising edge of /WE and written to
FeRAM memory array.
A2
41
/OE
Output Enable Input pin
When the /OE is “L” level, valid data
are output to data bus.
When the /OE is “H” level, all I/O pins
become high impedance (High-Z)
state.
A6
―
/ZZ
Sleep Mode Input pin
When the /ZZ becomes to “L” level,
device transits to the Sleep Mode.
During reading and writing operation,
/ZZ pin shall be hold “H” level.
A1, B2
40, 39
/UB, /LB
Lower/Upper byte Control Input pins
In case /LB or /UB equals to “L” level,
it enables reading/writing operation of
I/O0 to I/O7 or I/O8 to I/O15
respectively. In case /LB and /UB
equal to “H” level, all I/O pins become
High-Z state.
D6, E1
11, 33
VDD
Supply Voltage pins
Connect all two pins to the power
supply.
D1, E6
12, 34
VSS
Ground pins
Connect all two pins to ground.
E3, G2, H6
NC
No connected pin
Left open or connect to VDD/VSS.
Note: Please refer to the timing diagram for functional description of each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com