Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R8M2TA Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB85R8M2TA
Description  8 M (512 K × 16) Bit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R8M2TA Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB85R8M2TA Datasheet HTML 16Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 17Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 18Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 19Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 20Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 21Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 22Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 23Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
DS501-00070-2v1-E
MB85R8M2TA
PACKAGE DIMENSIONS
Lead pitch
0.75mm
Package width×
Package length
8.00 mm × 6.00 mm
Sealing method
Plastic mold
Mounting hight
1.00 mm (max.)
MB85R8M2TABGL-G-JAE1
lead shape
Solder ball
 
48-pin plastic FBGA
MB85R8M2TABGL-G-JAE1
Dimenstion in mm.
48-pin plastic FBGA
0.17MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com