Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R8M2TA Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MB85R8M2TA
Description  8 M (512 K × 16) Bit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R8M2TA Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MB85R8M2TA Datasheet HTML 1Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 2Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 3Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 4Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 5Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 6Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 7Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 8Page - RAMXEED LIMITED MB85R8M2TA Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DS501-00070-2v1-E
5
MB85R8M2TA
BLOCK DIAGRAM
FUNCTIONAL TRUTH TABLE
Operation Mode
/CE
/WE
/OE
A0 to A1 A2 to A18
/ZZ
/UB,/LB
Sleep
×
×
×
×
×
L
×
Standby
H
×
×
×
×
H
×
Read
↓
H
L
H or L
H or L
H
×
Address Access Read
L
H
L
H or L
↑ or ↓
H
×
Write(/CE Control)*1
↓
L
×
H or L
H or L
H
×
Write(/WE Control)*1*2
L
↓
×
H or L
H or L
H
×
Address Access Write*1*3
L
↓
×
H or L
↑ or ↓
H
×
Pre-charge
↑
×
×
×
×
H
×
Page Read
L
H
L
↑ or ↓
H or L
H
L
/UB,/LB Access Wright
L
L
H
H or L
H or L
H
↓
Page Address Write
L
↓
H
↑ or ↓
H or L
H
L
Note: H= “H” level,
L= “L” level,
↑= Rising edge,
↓= Falling edge,
×= H, L, ↓ or ↑
*1: In writing cycle, input data is latched at early rising edge of /CE or /WE.
*2: In writing sequence of /WE control, there exists time with data output of reading cycle at the falling
edge of /CE.
*3: In writing sequence of Address Access Write, there exists time with data output of reading cycle at the
address transition.
FeRAM Array
524,288×16
Column Decoder / Sense Amp.
/ Write Amp.
A0 to A18
/CE
/WE
/OE
/LB
/UB
/ZZ*
Address
I/O0 to I/O15
*equipped with FBGA only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com