Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914IPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV914IPT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914IPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV914IPT Datasheet HTML 7Page - STMicroelectronics TSV914IPT Datasheet HTML 8Page - STMicroelectronics TSV914IPT Datasheet HTML 9Page - STMicroelectronics TSV914IPT Datasheet HTML 10Page - STMicroelectronics TSV914IPT Datasheet HTML 11Page - STMicroelectronics TSV914IPT Datasheet HTML 12Page - STMicroelectronics TSV914IPT Datasheet HTML 13Page - STMicroelectronics TSV914IPT Datasheet HTML 14Page - STMicroelectronics TSV914IPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
4
Electrical characteristic curves
Figure 2. Input offset voltage distribution at T = 25 °C
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
20
40
60
80
100
120
140
Vcc= 5V
Vicm =2.5V
Ta mb =25°C
Input offs et Vo ltag e (mV)
Figure 3. Input offset voltage distribution at T = 125 °C
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
°
Input offs et Vo ltag e (mV)
Figure 4. Supply current vs. input common-mode voltage
at VCC = 2.5 V
Figure 5. Supply current vs. input common-mode voltage
at VCC = 5 V
Figure 6. Output current vs. output voltage at VCC = 2.5 V
Figure 7. Output current vs. output voltage at VCC = 5 V
TSV91x, TSV91xA
Electrical characteristic curves
DS4899 - Rev 13
page 11/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com