Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914IPT Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSV914IPT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914IPT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSV914IPT Datasheet HTML 20Page - STMicroelectronics TSV914IPT Datasheet HTML 21Page - STMicroelectronics TSV914IPT Datasheet HTML 22Page - STMicroelectronics TSV914IPT Datasheet HTML 23Page - STMicroelectronics TSV914IPT Datasheet HTML 24Page - STMicroelectronics TSV914IPT Datasheet HTML 25Page - STMicroelectronics TSV914IPT Datasheet HTML 26Page - STMicroelectronics TSV914IPT Datasheet HTML 27Page - STMicroelectronics TSV914IPT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
7
Ordering information
Table 12. Order codes
Order code
Temperature range
Package
Packing
Marking
TSV911IDT
-40 °C to 125 °C
SΟ8
Tape and reel
V911I
TSV911AIDT
V911AI
TSV911ILT
SOT23-5
K127
TSV911AILT
K128
TSV911RILT
K125
TSV912IST
MiniSO8
K125
TSV912AIST
K126
TSV912IDT
SO8
V912I
TSV912AIDT
V912AI
TSV912IQ2T
DFN8 2x2
K1Q
TSV914IPT
TSSOP14
V914I
TSV914AIPT
V914AI
TSV914IDT
SO14
V914I
TSV914AIDT
V914AI
TSV911IYLT (1)
SOT23-5, automotive grade
K147
TSV911AIYLT (1)
K148
TSV911IYDT (1)
SO-8, automotive grade
V911IY
TSV911AIYDT (1)
V911AIY
TSV912IYDT (1)
V912IY
TSV912AIYDT (1)
V912AIY
TSV912IYST (1)
MiniSO8, automotive grade
K147
TSV912AIYST (1)
K148
TSV914IYDT (1)
SO14, automotive grade
V914IY
TSV914AIYDT (1)
V914AIY
TSV914IYPT (1)
TSSOP14, automotive grade
V914IY
TSV914AIYPT (1)
V914AIY
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent.
TSV91x, TSV91xA
Ordering information
DS4899 - Rev 13
page 24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com