Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914IPT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV914IPT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914IPT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV914IPT Datasheet HTML 8Page - STMicroelectronics TSV914IPT Datasheet HTML 9Page - STMicroelectronics TSV914IPT Datasheet HTML 10Page - STMicroelectronics TSV914IPT Datasheet HTML 11Page - STMicroelectronics TSV914IPT Datasheet HTML 12Page - STMicroelectronics TSV914IPT Datasheet HTML 13Page - STMicroelectronics TSV914IPT Datasheet HTML 14Page - STMicroelectronics TSV914IPT Datasheet HTML 15Page - STMicroelectronics TSV914IPT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Figure 8. Voltage gain and phase vs. frequency at VCC =
2.5 V and Vicm = 0.5 V
10
6
10
7
−40
−40
−30
−30
−20
−20
−10
−10
00
10
10
20
20
30
30
40
40
−160
−120
−80
−40
0
40
80
120
160
Vcc=2.5V, Vicm=0.5V
CI=100pF, RI=2kohms, Vrl=Vcc/2
Tamb=25ºC
Figure 9. Voltage gain and phase vs. frequency at VCC =
5.5 V and Vicm = 0.5 V
10
6
10
7
-40
-40
-30
-30
-20
-20
-10
-10
00
10
10
20
20
30
30
40
40
P h a s e
Figure 10. Phase margin vs. capacitive load
Vcc=5V, RI=2kOhms
Vrl=2.5V
Ta m b = 25°C
Figure 11. Phase margin vs. output current
−20
−20
−10
−10
00
10
10
20
20
00
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
Vcc= 5V, C l = 1 0 0 p F
Ta m b = 25°C
Figure 12. Positive slew rate
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
00
11
22
33
44
55
66
Vin : from 0.5V to Vcc- 0.5V
S R : ca lculat ed from 10% to 90%
Voltage (V)
Supply
Figure 13. Negative slew rate
2.5
3.0
4.0
4.5
5.0
5.0
5.5
0
0
-1
-1
-2
-2
-3
-3
-4
-4
-5
-5
-6
-6
Vin : from 0.5V to Vcc-0.5V
S R : calculated from 10% to 90%
3.5
Supply voltage
TSV91x, TSV91xA
Electrical characteristic curves
DS4899 - Rev 13
page 12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com