Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914IPT Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSV914IPT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914IPT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSV914IPT Datasheet HTML 22Page - STMicroelectronics TSV914IPT Datasheet HTML 23Page - STMicroelectronics TSV914IPT Datasheet HTML 24Page - STMicroelectronics TSV914IPT Datasheet HTML 25Page - STMicroelectronics TSV914IPT Datasheet HTML 26Page - STMicroelectronics TSV914IPT Datasheet HTML 27Page - STMicroelectronics TSV914IPT Datasheet HTML 28Page - STMicroelectronics TSV914IPT Datasheet HTML 29Page - STMicroelectronics TSV914IPT Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
List of tables
Table 1.
Absolute maximum ratings (AMR) ........................................................ 3
Table 2.
Operating conditions ................................................................. 4
Table 3.
Electrical characteristics at VCC+ = 2.5 V, VCC- = 0 V, Vicm = VCC/2, with RL connected to VCC/2, T = 25 °C (unless
otherwise specified) .................................................................. 5
Table 4.
Electrical characteristics at VCC+ = 3.3 V, VCC- = 0 V, Vicm = VCC/2, with RL connected to VCC/2, T = 25 °C (unless
otherwise specified) .................................................................. 7
Table 5.
Electrical characteristics at VCC+ = 5 V, VCC- = 0 V, Vicm = VCC/2, with RL connected to VCC/2, T = 25 °C (unless
otherwise specified) .................................................................. 9
Table 6.
SOT23-5 mechanical data............................................................. 15
Table 7.
DFN8 2 x 2 mechanical data ........................................................... 16
Table 8.
MiniSO8 package mechanical data ...................................................... 18
Table 9.
SO8 package mechanical data ......................................................... 19
Table 10.
TSSOP-14 package mechanical data ..................................................... 21
Table 11.
SO-14 package mechanical data ........................................................ 23
Table 12.
Order codes ...................................................................... 24
Table 13.
Document revision history ............................................................. 25
TSV91x, TSV91xA
List of tables
DS4899 - Rev 13
page 28/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com