Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491MV Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 18Page - STMicroelectronics TDA7491MV Datasheet HTML 19Page - STMicroelectronics TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics TDA7491MV Datasheet HTML 24Page - STMicroelectronics TDA7491MV Datasheet HTML 25Page - STMicroelectronics TDA7491MV Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application information
TDA7491MV
22/28
DocID14576 Rev 4
7.4
Internal and external clocks
The clock of the class-D amplifier can be generated internally or can be driven by an
external source.
If two or more class-D amplifiers are used in the same system, it is recommended that all
devices operate at the same clock frequency. This can be implemented by using one
TDA7491MV as master clock, while the other devices are in slave mode (that is, externally
clocked. The clock interconnect is via pin SYNCLK of each device. As explained below,
SYNCLK is an output in master mode and an input in slave mode.
7.4.1
Master mode (internal clock)
Using the internal oscillator, the output switching frequency, fSW, is controlled by the
resistor, ROSC, connected to pin ROSC:
fSW = 10
6 / ((16 * R
OSC + 182) * 4) kHz
where ROSC is in k.
In master mode, pin SYNCLK is used as a clock output pin, whose frequency is:
fSYNCLK = 2 * fSW
For master mode to operate correctly then resistor ROSC must be less than 60 k as given
below in Table 9.
7.4.2
Slave mode (external clock)
In order to accept an external clock input the pin ROSC must be left open, that is, floating.
This forces pin SYNCLK to be internally configured as an input as given in Table 9.
The output switching frequency of the slave devices is:
fSW = fSYNCLK / 2
Figure 22. Master and slave connection
Table 9. How to set up SYNCLK
Mode
ROSC
SYNCLK
Master
ROSC < 60 k
Output
Slave
Floating (not connected)
Input
SYNCLK
ROSC
Rosc
Cosc
ROSC
SYNCLK
39 k
100 nF
Output
Input
Master
Slave
TDA7491M
TDA7491M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com