Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491MV Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 19Page - STMicroelectronics TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics TDA7491MV Datasheet HTML 24Page - STMicroelectronics TDA7491MV Datasheet HTML 25Page - STMicroelectronics TDA7491MV Datasheet HTML 26Page - STMicroelectronics TDA7491MV Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID14576 Rev 4
23/28
TDA7491MV
Application information
28
7.5
Filterless modulation
The output modulation scheme of the BTL is called unipolar pulse width modulation (PWM).
The differential output voltages change between 0 V and +VCC and between 0 V and -VCC.
This is in contrast to the traditional bipolar PWM outputs which change between +VCC
and -VCC.
An advantage of this scheme is that it effectively doubles the switching frequency of the
differential output waveform. The OUTP and OUTN are in the same phase when the input is
zero, then the switching current is low and the loss in the load is small. In practice, a short
delay is introduced between these two outputs in order to avoid the BTL output switching at
the same time.
TDA7491MV can be used without a filter before the speaker, because the frequency of the
TDA7491MV output is beyond the audio frequency, the audio signal can be recovered by
the inherent inductance of the speaker and natural filter of the human ear.
Figure 23. Unipolar PWM output
INP
INN
OUTP
OUTN
Differential
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com