Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491MV Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics TDA7491MV Datasheet HTML 24Page - STMicroelectronics TDA7491MV Datasheet HTML 25Page - STMicroelectronics TDA7491MV Datasheet HTML 26Page - STMicroelectronics TDA7491MV Datasheet HTML 27Page - STMicroelectronics TDA7491MV Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
DocID14576 Rev 4
27/28
TDA7491MV
Revision history
28
8
Revision history
Table 10. Document revision history
Date
Revision
Changes
21-Oct-2008
1
Initial release.
29-May-2009
2
Updated text concerning oscillator R and C in Section 3.3:
Electrical specifications on page 8
Updated test condition for Iq, added VUVP, updated STBY and
MUTE voltages and rectified several anomalies in Table 5:
Electrical specifications on page 8
Updated equation for fSW on page 10 and on page 22
Updated Figure 16: Test board (TDA7491HV) layout on page 16
Updated Figure 17: PowerSSO-36 EPD outline drawing on
page 17 and Table 6: PowerSSO-36 EPD dimensions on
page 18
Updated Figure 18: Applications circuit for class-D amplifier on
page 19
20-Feb-2014
3
Updated order code Table 1 on page 1
21-Mar-2014
4
Updated operating temperature range from 0 to 70 °C in
- 40 to 85 °C Table 1 on page 1 and Table 3 on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com