Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491MV Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics TDA7491MV Datasheet HTML 24Page - STMicroelectronics TDA7491MV Datasheet HTML 25Page - STMicroelectronics TDA7491MV Datasheet HTML 26Page - STMicroelectronics TDA7491MV Datasheet HTML 27Page - STMicroelectronics TDA7491MV Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
DocID14576 Rev 4
25/28
TDA7491MV
Application information
28
7.7
Protection function
The TDA7491MV is fully protected against overvoltage, undervoltage, overcurrent and
thermal overloads as explained here.
Overvoltage protection (OVP)
If the supply voltage exceeds the value for VOVP given in Table 5: Electrical specifications
on page 8 the overvoltage protection is activated which forces the outputs to the
high-impedance state. When the supply voltage drops to below the threshold value the
device restarts.
Undervoltage protection (UVP)
If the supply voltage drops below the value for VUVP given in Table 5: Electrical
specifications on page 8 the undervoltage protection is activated which forces the outputs to
the high-impedance state. When the supply voltage recovers the device restarts.
Overcurrent protection (OCP)
If the output current exceeds the value for IOCP given in Table 5: Electrical specifications on
page 8 the overcurrent protection is activated which forces the outputs to the
high-impedance state. Periodically, the device attempts to restart. If the overcurrent
condition is still present then the OCP remains active. The restart time, TOC, is determined
by the R-C components connected to pin STBY.
Thermal protection (OTP)
If the junction temperature, Tj, reaches 145 °C (nominal), the device goes to mute mode and
the positive and negative PWM outputs are forced to 50% duty cycle. If the junction
temperature exceeds the value for Tj given in Table 5: Electrical specifications on page 8
the device shuts down and the output is forced to the high impedance state. When the
device cools sufficiently the device restarts.
7.8
Diagnostic output
The output pin DIAG is an open drain transistor. When the protection is activated it is in the
high-impedance state. The pin can be connected to a power supply (< 18 V) by a pull-up
resistor whose value is limited by the maximum sinking current (200 µA) of the pin.
Figure 26. Behavior of pin DIAG for various protection conditions
TDA7491MV
Protection logic
R1
DIAG
VDD
VDD
Overcurrent
protection
Restart
Restart
OV, UV, OT
protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com