Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PETR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7492PETR
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PETR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7492PETR Datasheet HTML 4Page - STMicroelectronics TDA7492PETR Datasheet HTML 5Page - STMicroelectronics TDA7492PETR Datasheet HTML 6Page - STMicroelectronics TDA7492PETR Datasheet HTML 7Page - STMicroelectronics TDA7492PETR Datasheet HTML 8Page - STMicroelectronics TDA7492PETR Datasheet HTML 9Page - STMicroelectronics TDA7492PETR Datasheet HTML 10Page - STMicroelectronics TDA7492PETR Datasheet HTML 11Page - STMicroelectronics TDA7492PETR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
4
Application information
4.1
Gain setting
The four gain settings of the TDA7492PE are set by GAIN (pin 31). Internally, gain is set by changing the
feedback resistors of the amplifier. The gain setting pins can be controlled by standard logic drivers.
Table 7. Gain settings
Voltage on GAIN pin
Total gain
Application recommendations
VGAIN < 0.25*VDDS
20.8 dB
GAIN pin connected to SGND
0.25*VDDS < VGAIN < 0.5*VDDS
26.8 dB
External resistor divider < 100 k
0.5*VDDS < VGAIN < 0.75*VDDS
30 dB
External resistor divider < 100 k
VGAIN > 0.75*VDDS
32.8 dB
GAIN pin connected to VDDS
4.2
Stereo and mono applications
The TDA7492PE can be used in stereo BTL or in mono BTL configuration. When the input pins, INPB and INNB
of the right channel are directly shorted to VDDS (without input capacitors) the device is in mono configuration as
shown in Figure 4. Mono BTL settings.
Figure 3. Mono BTL settings
INPA
INNA
INPB
INNB
OUTNB
OUTNA
OUTPA
OUTPB
IC
LC
Filter
4.3
Smart protections
4.3.1
Overcurrent protection (OCP)
If the overcurrent protection threshold is reached, the power stage will be shut down immediately. The device will
recover automatically when the fault is removed.
Table 8. Overcurrent protection
I (shutdown)
High-side (A)
11.2
Low-side (A)
10.0
The thresholds in mute mode are reduced to about 1/2 and two typical thresholds are as follows.
TDA7492PE
Application information
DS10652 - Rev 3
page 8/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com