Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PETR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7492PETR
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PETR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7492PETR Datasheet HTML 5Page - STMicroelectronics TDA7492PETR Datasheet HTML 6Page - STMicroelectronics TDA7492PETR Datasheet HTML 7Page - STMicroelectronics TDA7492PETR Datasheet HTML 8Page - STMicroelectronics TDA7492PETR Datasheet HTML 9Page - STMicroelectronics TDA7492PETR Datasheet HTML 10Page - STMicroelectronics TDA7492PETR Datasheet HTML 11Page - STMicroelectronics TDA7492PETR Datasheet HTML 12Page - STMicroelectronics TDA7492PETR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Table 9. Overcurrent protection (mute mode)
I (shutdown)
High-side (A)
6.2
Low-side (A)
5.9
4.3.2
Thermal protection
When internal die temperature exceeds 140 °C, the device enters into Mute by pulling the MUTE pin low first.
When internal die temperature exceeds 150 °C, the device directly shuts down the power stage. The TDA7492PE
automatically recovers when the temperature become lower than the threshold.
4.3.3
Power limit
A built-in power limit is used to limit the output voltage level below the supply rail by limiting the duty cycle. The
limit level is set through the voltage at PLIMIT (pin 30). The pin voltage is set by the following equation:
 VPLIMIT=VDD Rdn//400k
Rdn//400k +Rup 
(1)
Figure 4. Recommended power limit pin connections
VDDS
Power
Limiter
Rup
Rdn
PLIMIT
It is recommended that external resistors are less than 40 kΩ if a voltage divider is used as shown in
Figure 5. Recommended power limit pin connections. The relationship of the maximum duty cycle (Dmax) and the
voltage at PLIMIT is:
Dmax= 8.8 × 
VPLIMIT
Vcc−  2 ×Vcc×Rs
Rload ×2 ×Rs+1
2
(2)
Where VCC is the power supply voltage, VPLIMIT is the voltage applied at the PLIMIT pin, Rs is the series
resistance including Rdson of the power transistor, output filter resistance and bonding wire resistance. Rload is
the load resistance.
An example of maximum effective control voltage at PLIMIT vs. power supply and load resistance is shown in
Table 10. Max. effective voltage of PLIMIT pin vs. power supply and load.
Table 10. Max. effective voltage of PLIMIT pin vs. power supply and load
Rload
Power supply
7 V
13 V
24 V
4 Ω
0.71 V
1.32 V
2.44 V
6 Ω
0.74 V
1.37 V
2.53 V
8 Ω
0.75 V
1.39 V
2.57 V
TDA7492PE
Smart protections
DS10652 - Rev 3
page 9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com