Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PETR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7492PETR
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PETR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7492PETR Datasheet HTML 11Page - STMicroelectronics TDA7492PETR Datasheet HTML 12Page - STMicroelectronics TDA7492PETR Datasheet HTML 13Page - STMicroelectronics TDA7492PETR Datasheet HTML 14Page - STMicroelectronics TDA7492PETR Datasheet HTML 15Page - STMicroelectronics TDA7492PETR Datasheet HTML 16Page - STMicroelectronics TDA7492PETR Datasheet HTML 17Page - STMicroelectronics TDA7492PETR Datasheet HTML 18Page - STMicroelectronics TDA7492PETR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
Table 14. Document revision history
Date
Revision
Changes
14-Nov-2014
1
Initial release
24-Feb-2017
2
Updated minimum voltage to 7 V throughout datasheet
Updated VOS and Tr, Tf in Table 4. Electrical specifications.
Updated Section 7.1 PowerSSO-36 EPD package information.
21-Sep-2020
3
Updated order code table.
TDA7492PE
DS10652 - Rev 3
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com