Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PETR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7492PETR
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PETR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7492PETR Datasheet HTML 6Page - STMicroelectronics TDA7492PETR Datasheet HTML 7Page - STMicroelectronics TDA7492PETR Datasheet HTML 8Page - STMicroelectronics TDA7492PETR Datasheet HTML 9Page - STMicroelectronics TDA7492PETR Datasheet HTML 10Page - STMicroelectronics TDA7492PETR Datasheet HTML 11Page - STMicroelectronics TDA7492PETR Datasheet HTML 12Page - STMicroelectronics TDA7492PETR Datasheet HTML 13Page - STMicroelectronics TDA7492PETR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
4.4
Mode selection
The three operating modes of the TDA7492PE are set by two inputs: STBY (pin 20) and MUTE (pin 21).
•
Standby mode: all circuits are turned off, very low current consumption.
•
Mute mode: inputs are connected to ground and the positive and negative PWM outputs are at 50% duty
cycle
•
Play mode: the amplifiers are active.
The protection functions of the TDA7492PE are implemented by pulling down the voltages of the STBY and
MUTE inputs shown in Figure 6. Standby and mute circuits. The input current of the corresponding pins must be
limited to 200 µA.
Table 11. Mode settings
Mode
STBY
MUTE
Standby
L(1)
X (do not care)
Mute
H
L
Play
H
H
1. Drive levels defined in Table 4. Electrical specifications.
Figure 5. Standby and mute circuits
Standby
Mute
33 kΩ
33 kΩ
2.2 µF
2.2 µF
STBY
MUTE
20
21
TDA7492PE
3.3 V
3.3 V
0 V
0 V
R 2
R4
C7
C15
TDA7492PE
Mode selection
DS10652 - Rev 3
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com