Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND920 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics VND920 Datasheet HTML 10Page - STMicroelectronics VND920 Datasheet HTML 11Page - STMicroelectronics VND920 Datasheet HTML 12Page - STMicroelectronics VND920 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VND920
Electrical specifications
Doc ID 7767 Rev 6
9/26
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC <36 V; -40 °C < Tj < 150 °C, unless
otherwise stated.
Note:
VCLAMP and VOV are correlated. Typical difference is 5V.
Table 5.
Power
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
Operating supply voltage
5.5
13
36
V
VUSD
Undervoltage shutdown
3
4
5.5
V
VOV
Overvoltage shutdown
36
V
RON
On-state resistance
IOUT =10A; Tj = 25 °C;
16
m
Ω
IOUT =10A;
32
m
Ω
IOUT = 3 A; VCC =6 V
55
m
Ω
VCLAMP Clamp voltage
ICC =20 mA
41
48
55
V
IS
Supply current
Off-state; VCC =13 V;
VIN =VOUT =0 V
10
25
µA
Off-state; VCC =13 V;
VIN =VOUT =0 V; Tj = 25 °C
10
20
µA
On-state; VCC =13V; VIN =5 V;
IOUT = 0 A; RSENSE =3.9 kΩ
5mA
IL(off1)
Off-state output current
VIN =VOUT =0 V
0
50
µA
IL(off2)
Off-state output current
VIN =0 V; VOUT =3.5 V
-75
0
µA
IL(off3)
Off-state output current
VIN =VOUT =0 V; VCC =13 V;
Tj =125 °C
5µA
IL(off4)
Off-state output current
VIN =VOUT =0 V; VCC =13 V;
Tj =25°C
3µA
Table 6.
Switching (VCC =13 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL =1.3 Ω (see Figure 4)50
µs
td(off)
Turn-off delay time
RL =1.3 Ω (see Figure 4)50
µs
dVOUT/dt(on) Turn-on voltage slope RL =1.3 Ω (see Figure 4)
See Figure 10
V/µs
dVOUT/dt(off) Turn-off voltage slope RL =1.3 Ω (see Figure 4)
See Figure 12
V/µs
Table 7.
VCC output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
-IOUT = 5 A; Tj = 150 °C
0.6
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com