Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND920 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics VND920 Datasheet HTML 10Page - STMicroelectronics VND920 Datasheet HTML 11Page - STMicroelectronics VND920 Datasheet HTML 12Page - STMicroelectronics VND920 Datasheet HTML 13Page - STMicroelectronics VND920 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical specifications
VND920
10/26
Doc ID 7767 Rev 6
Table 8.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low-level voltage
1.25
V
IIL
Low-level input current
VIN =1.25 V
1
µA
VIH
Input high-level voltage
3.25
V
IIH
High-level input current
VIN =3.25 V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN =1 mA
6
6.8
8
V
IIN =-1mA
-0.7
V
Table 9.
Current sense (9 V
≤ VCC ≤ 16 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 1 A; VSENSE =0.5 V;
Tj = -40 °C...150 °C
3300
4400
6000
dK1/K1
Current sense
ratio drift
IOUT = 1 A; VSENSE =0.5 V;
Tj = -40 °C...150 °C
-10
+10
%
K2
IOUT/ISENSE
IOUT = 10 A; VSENSE = 4 V;
Tj =-40 °C;
Tj= 25°C...150°C
4200
4400
4900
4900
6000
5750
dK2/K2
Current sense
ratio drift
IOUT = 10A; VSENSE = 4V;
Tj = -40 °C...150 °C
-8
+8
%
K3
IOUT/ISENSE
IOUT = 30 A; VSENSE = 4 V;
Tj = -40 °C
Tj = 25 °C...150 °C
4200
4400
4900
4900
5500
5250
dK3/K3
Current sense
ratio drift
IOUT = 30 A; VSENSE = 4 V;
Tj = -40 °C...150 °C
-6
+6
%
ISENSE0
Analog sense
current
VCC = 6...16 V; IOUT = 0 A;
VSENSE = 0 V;
Tj = -40 °C...150 °C
010
µA
VSENSE
Max analog
sense output
voltage
VCC = 5.5 V; IOUT = 5 A;
RSENSE = 10 kΩ
2V
VCC > 8 V, IOUT = 10 A;
RSENSE = 10 kΩ
4V
VSENSEH
Sense voltage in
overtemperature
condition
VCC = 13 V; RSENSE = 3.9 kΩ
5.5
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com