Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND920 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 15Page - STMicroelectronics VND920 Datasheet HTML 16Page - STMicroelectronics VND920 Datasheet HTML 17Page - STMicroelectronics VND920 Datasheet HTML 18Page - STMicroelectronics VND920 Datasheet HTML 19Page - STMicroelectronics VND920 Datasheet HTML 20Page - STMicroelectronics VND920 Datasheet HTML 21Page - STMicroelectronics VND920 Datasheet HTML 22Page - STMicroelectronics VND920 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
VND920
Application information
Doc ID 7767 Rev 6
19/26
3.4
Maximum demagnetization energy (VCC = 13.5V)
Figure 20.
Maximum turn-off current versus inductance
Note:
Values are generated with RL =0 Ω.In case of repetitive pulses, Tjstart (at beginning of each
demagnetization) of every pulse must not exceed the temperature specified above for
curves A and B.
1
10
100
0.01
0.1
1
10
100
L(mH)
ILMAX (A)
A
B
C
C: Tjstart = 125°C repetitive pulse
A: Tjstart = 150°C single pulse
B: Tjstart = 100°C repetitive pulse
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com