Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP01 Datasheet(PDF) 21 Page - Texas Instruments

Part # DCP01
Description  DCP01 Series, 1-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP01 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DCP01 Datasheet HTML 17Page - Texas Instruments DCP01 Datasheet HTML 18Page - Texas Instruments DCP01 Datasheet HTML 19Page - Texas Instruments DCP01 Datasheet HTML 20Page - Texas Instruments DCP01 Datasheet HTML 21Page - Texas Instruments DCP01 Datasheet HTML 22Page - Texas Instruments DCP01 Datasheet HTML 23Page - Texas Instruments DCP01 Datasheet HTML 24Page - Texas Instruments DCP01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
The effect of the ESR is to cause a voltage drop within the capacitor. The value of this voltage drop is simply the
product of the ESR and the transient load current, as shown in Equation 1.
VIN = VPK – (ESR × ITR)
(1)
where
• VIN is the voltage at the device input
• VPK is the maximum value of the voltage on the capacitor during charge
• ITR is the transient load current
The other factor that affects the performance is the value of the capacitance. However, for the input and the full
wave outputs (single-output voltage devices), ESR is the dominant factor.
8.2.6 Input Capacitor and the Effects of ESR
If the input decoupling capacitor is not ceramic (and has an ESR greater than 20 mΩ), then at the instant the
power transistors switch on, the voltage at the input pins falls momentarily. If the voltage falls below
approximately 4 V, the device detects an undervoltage condition and switches the internal drive circuits to a
momentary off state. This detection is carried out as a precaution against a genuine low input voltage condition
that could slow down or even stop the internal circuits from operating correctly. A slow-down or stoppage results
in the drive transistors being turned on too long, causing saturation of the transformer and destruction of the
device.
Following detection of a low input voltage condition, the device switches off the internal drive circuits until the
input voltage returns to a safe value, at which time the device tries to restart. If the input capacitor is still unable
to maintain the input voltage, shutdown recurs. This process repeats until the input capacitor charges sufficiently
to start the device correctly.
Normal start-up should occur in approximately 1 ms after power is applied to the device. If a considerably longer
start-up duration time is encountered, it is likely that either (or both) the input supply or the capacitors are not
performing adequately.
For 5-V to 15-V input devices, a 2.2-μF, low-ESR ceramic capacitor ensures good startup performance. For 24-V
input voltage devices, 0.47-μF ceramic capacitors are recommended. Tantalum capacitors are not
recommended, since most do not have low-ESR values and will degrade performance. If tantalum capacitors
must be used, close attention must be paid to both the ESR and voltage as derated by the vendor.
Note
During the start-up period, these devices may draw maximum current from the input supply. If
the input voltage falls below approximately 4 V, the devices may not start up. Connect a 2.2-μF
ceramic capacitor close to the input pins.
8.2.7 Ripple and Noise
A good quality, low-ESR ceramic capacitor placed as close as practical across the input reduces reflected ripple
and ensures a smooth start-up.
A good quality, low-ESR ceramic capacitor placed as close as practical across the rectifier output terminal and
output ground gives the best ripple and noise performance. See application report DC-to-DC Converter Noise
Reduction for more information on noise rejection.
8.2.7.1 Output Ripple Calculation Example
The following example shows that increasing the capacitance has a much smaller effect on the output ripple
voltage than does reducing the value of the ESR for the filter capacitor.
To calculate the output ripple for a DCP010505 device:
• VOUT = 5 V
• IOUT = 0.2 A
www.ti.com
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB,
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012I – DECEMBER 2000 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com