Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP01 Datasheet(PDF) 9 Page - Texas Instruments

Part # DCP01
Description  DCP01 Series, 1-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP01 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DCP01 Datasheet HTML 5Page - Texas Instruments DCP01 Datasheet HTML 6Page - Texas Instruments DCP01 Datasheet HTML 7Page - Texas Instruments DCP01 Datasheet HTML 8Page - Texas Instruments DCP01 Datasheet HTML 9Page - Texas Instruments DCP01 Datasheet HTML 10Page - Texas Instruments DCP01 Datasheet HTML 11Page - Texas Instruments DCP01 Datasheet HTML 12Page - Texas Instruments DCP01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Load (%)
85
80
75
70
65
60
55
50
20
30
50
70
60
80
90
100
40
10
DCP010512DB
Figure 6-13. Efficiency versus Load
Load (%)
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.00
20
30
50
70
60
80
90
100
40
10
+V
OUT
-VOUT
DCP010512DB
Note: Operations under 10% Load
Figure 6-14. Load Regulation
10
Load (%)
20
30
40
50
60
70
80
90
100
85
80
75
70
65
60
55
50
DCP010515B
Figure 6-15. Efficiency versus Load
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
10
Load (%)
20
30
40
50
60
70
80
90
100
DCP010515B
Note: Operations under 10% Load
Figure 6-16. Load Regulation
Load (%)
90
85
80
75
70
65
60
55
50
20
30
50
70
60
80
90
100
40
10
DCP010515DB
Figure 6-17. Efficiency versus Load
Load (%)
18
17
16
15
14
20
30
50
70
60
80
90
100
40
10
+V
OUT
-VOUT
DCP010515DB
Note: Operations under 10% Load
Figure 6-18. Load Regulation
www.ti.com
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB,
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012I – DECEMBER 2000 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com