Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP01 Datasheet(PDF) 13 Page - Texas Instruments

Part # DCP01
Description  DCP01 Series, 1-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP01 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DCP01 Datasheet HTML 9Page - Texas Instruments DCP01 Datasheet HTML 10Page - Texas Instruments DCP01 Datasheet HTML 11Page - Texas Instruments DCP01 Datasheet HTML 12Page - Texas Instruments DCP01 Datasheet HTML 13Page - Texas Instruments DCP01 Datasheet HTML 14Page - Texas Instruments DCP01 Datasheet HTML 15Page - Texas Instruments DCP01 Datasheet HTML 16Page - Texas Instruments DCP01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
7.3 Feature Description
7.3.1 Isolation
Underwriters Laboratories, UL™ defines several classes of isolation that are used in modern power supplies.
Safety extra low voltage (SELV) is defined by UL (UL1950 E199929) as a secondary circuit which is so
designated and protected that under normal and single fault conditions the voltage between any two accessible
parts, or between an accessible part and the equipment earthing terminal for operational isolation does not
exceed steady state 42.5 V peak or 60 VDC for more than one second.
7.3.1.1 Operation or Functional Isolation
Operational or functional isolation is defined by the use of a high-potential (hipot) test only. Typically, this
isolation is defined as the use of insulated wire in the construction of the transformer as the primary isolation
barrier. The hipot one-second duration test (dielectric voltage, withstand test) is a production test used to verify
that the isolation barrier is functioning. Products with operational isolation must never be used as an element in a
safety-isolation system.
7.3.1.2 Basic or Enhanced Isolation
Basic or enhanced isolation is defined by specified creepage and clearance limits between the primary and
secondary circuits of the power supply. Basic isolation is the use of an isolation barrier in addition to the
insulated wire in the construction of the transformer. Input and output circuits must also be physically separated
by specified distances.
7.3.1.3 Continuous Voltage
For a device that has no specific safety agency approvals (operational isolation), the continuous voltage that can
be applied across the part in normal operation is less than 42.5 VRMS, or 60 VDC. Ensure that both input and
output voltages maintain normal SELV limits. The isolation test voltage represents a measure of immunity to
transient voltages.
WARNING
Do not use the device as an element of a safety isolation system that exceeds the SELV limit.
If the device is expected to function correctly with more than 42.5 VRMS or 60 VDC applied continuously across
the isolation barrier, then the circuitry on both sides of the barrier must be regarded as operating at an unsafe
voltage, and further isolation or insulation systems must form a barrier between these circuits and any user-
accessible circuitry according to safety standard requirements.
7.3.1.4 Isolation Voltage
The terms Hipot test, flash-tested, withstand voltage, proof voltage, dielectric withstand voltage, and isolation
test voltage all describe a similar idea. They describe a test voltage applied for a specified time across a
component designed to provide electrical isolation to verify the integrity of that isolation. TI’s DCP01B series of
DC/DC converters are all 100% production tested at 1.0 kVAC for one second.
7.3.1.5 Repeated High-Voltage Isolation Testing
Repeated high-voltage isolation testing of a barrier component can degrade the isolation capability, depending
on materials, construction, and environment. The DCP01B series of DC/DC converters have toroidal, enameled,
wire isolation transformers with no additional insulation between the primary and secondary windings. While a
device can be expected to withstand several times the stated test voltage, the isolation capability depends on
the wire insulation. Any material, including this enamel (typically polyurethane), is susceptible to eventual
chemical degradation when subject to very-high applied voltages. Therefore, strictly limit the number of high-
voltage tests and repeated high-voltage isolation testing. However, if it is absolutely required, reduce the voltage
by 20% from specified test voltage with a duration limit of one second per test.
www.ti.com
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB,
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012I – DECEMBER 2000 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com