Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP01 Datasheet(PDF) 4 Page - Texas Instruments

Part # DCP01
Description  DCP01 Series, 1-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP01 Datasheet(HTML) 4 Page - Texas Instruments

  DCP01 Datasheet HTML 1Page - Texas Instruments DCP01 Datasheet HTML 2Page - Texas Instruments DCP01 Datasheet HTML 3Page - Texas Instruments DCP01 Datasheet HTML 4Page - Texas Instruments DCP01 Datasheet HTML 5Page - Texas Instruments DCP01 Datasheet HTML 6Page - Texas Instruments DCP01 Datasheet HTML 7Page - Texas Instruments DCP01 Datasheet HTML 8Page - Texas Instruments DCP01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
5 Pin Configuration and Functions
1
+VS
2
7
6
5
+VOUT
–VOUT
–VS
14
NC
8
SYNCOUT
SYNCIN
DCP01B
Figure 5-1. 7-Pin PDIP and SOP (Single Output) NVA and DUA Package (Top View)
1
+VS
2
7
6
5
+VOUT
COM
–VS
14
–VOUT
8
SYNCOUT
SYNCIN
DCP01B
Figure 5-2. 7-Pin PDIP and SOP (Dual Output) NVA and DUA Package (Top View)
Pin Functions
PIN NAME
PIN NUMBER
I/O (1)
DESCRIPTION
SINGLE-
OUTPUT
DUAL-
OUTPUT
COM
—
5
O
Output side common
NC
7
—
—
No connection
SYNCIN
14
14
I
Synchronization. Synchronize multiple devices by connecting the SYNC
pins of each. Pulling this pin low disables the internal oscillator.
SYNCOUT
8
8
O
Synchronization output. Unrectified transformer output
+VOUT
6
6
O
Positive output voltage
+VS
1
1
I
Input voltage
–VOUT
5
7
O
Negative output voltage
–VS
2
2
I
Input side common
(1)
I = Input, O = Output
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB, DCP010512DB,
DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012I – DECEMBER 2000 – REVISED SEPTEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com