Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9396 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics L9396 Datasheet HTML 71Page - STMicroelectronics L9396 Datasheet HTML 72Page - STMicroelectronics L9396 Datasheet HTML 73Page - STMicroelectronics L9396 Datasheet HTML 74Page - STMicroelectronics L9396 Datasheet HTML 75Page - STMicroelectronics L9396 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
System functional safety implementations
L9396
72/109
DS12539 Rev 10
7.4.1
Watchdog (WD1)
The device and the microcontroller exchange queries and answers on a defined timing
base. An internal watchdog logic is implemented to inhibit load actuation such as to send
reset signal, while it can disable directly these drivers through a second switch-off path:
1.
Pump Motor Pre-Driver
2.
GPO Driver
3.
Fail Safe Pre Driver
4.
VBAT Switch
Figure 13. WD1 block diagram
Two modes of timing checks are provided:
Mono-directional: timing check based only on answers. Microcontroller must send
queries (without timing window check) and answers on a defined time window;
Bidirectional: timings are bidirectionally checked. L9396 must receive queries on a
defined time window. Microcontroller must send answers on a defined time window.
In case time windows are not respected an error is generated.
Figure 14. Mono-directional timing check evolution
SPI
Watchdog
Logic
Fault Counter
Logic
Register
Configuration
GADG2401171253PS
WD1_RESET
(WD_CNT)
T_Answ_TimeOut
T_start_REQ
T_Valid_Answ_Start
T_Valid_Answ_End
Request
Answer
T_Req _TimeOut
T_Answ_TimeOut
T_start_REQ
T_Valid_Answ_Start
T_Valid_Answ_End
Answer
...
GADG2401171309PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com