Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9396 Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics L9396 Datasheet HTML 85Page - STMicroelectronics L9396 Datasheet HTML 86Page - STMicroelectronics L9396 Datasheet HTML 87Page - STMicroelectronics L9396 Datasheet HTML 88Page - STMicroelectronics L9396 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
DS12539 Rev 10
85/109
L9396
System functional safety implementations
109
7.5
Fail safe output
L9396 provides the active low FSN output to let the system know the device enters the fail
safe state. It means that the device has left its functional operating range due to:
weak supply conditions or supply over/under voltage detections (see the table below
for the signals monitored),
thermal shutdown (see the table below),
wrong SPI communications or wrong watchdog operation.
During fail-safe conditions, corresponding failure bits are set until the faults disappear and
the flags are read. When the device enters a fail-safe condition, it remains in this state until
both the following criteria are met:
the failure condition disappears,
the microcontroller performs a SPI reading on the failure bit(s).
The FSN output is intended to control functional safety logic through a redundant path
(since the µC is not operational anymore) for up to ASIL-D applications.
The functional safety path is intended to control the applications loads in order to either
maintain the functionality in a degraded mode or deactivate the loads. It is fault tolerant
(programmed from 1 to 8 failures before activation) and has a programmable delay; all this
can be programmed via SPI interface. To exit the fail-safe mode a specific SPI access on
the original failure(s) has to be performed when the application recovers in order to clear the
flags and fail safe fault tolerant counter.
FSN output is enabled (can be driven low) only at the end of power up cycle. This happens
only when undervoltage of regulators (VPREREG, VCC, VCC5, VCORE) is no more present
after power up.
After that FSN stays enabled until power down by wake-up is triggered or undervoltage of
VPREREG is generated.
Here the table of masking bits and fault sources.
Table 55. WDTDIS characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL_WDTDIS WDTDIS Logic Input Low Voltage
-
-
-
0.75
V
VIH_WDTDIS WDTDIS Logic Input High Voltage
-
1.75
-
-
V
Vhysteresis
WDTDIS Input hysteresis Voltage
-
0.1
-
1
V
WDTDIS PD WDTDIS pull-down
WDTDIS = 3.3V
10
-
100
µA
Table 56. Masking bits and fault sources
-
FAILSAFE / FAULT
OUTPUT
WD1 and WD2
FAULT MASK
FAILSAFE / FAULT
OUTPUT
THERMAL WARNING
MASK
FAILSAFE / FAULT
OUTPUT
µC VOLTAGE FAULT
MASK
FAILSAFE / FAULT
OUTPUT
BOOST FAULT
MASK
WD Q/A ERR
MASKED
FAILSAFE FAULT
FAILSAFE FAULT
FAILSAFE FAULT
WD PRUN ERR
MASKED
FAILSAFE FAULT
FAILSAFE FAULT
FAILSAFE FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com