Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9396 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
DS12539 Rev 10
35/109
L9396
Power supply
109
3.11
Power up and power down sequences
Wake-up signal turns on the device and initiates the regulator power up sequence as in the
figure below.
Figure 6. Power up sequence from wake up input
The device provides three different possibilities to stay in ON state:
a persistent high signal on IGN pin,
the setting of the POWERHOLD bit through SPI,
the refreshing of the KEEPALIVE bit through SPI within a specified time frame.
At each transition H->L on the wake-up pin the device enters the keep-alive mode for one
keep-alive period (KA_period).
-
Shutdown delay
time
-
90
-
110
µs
Ileak
Off state leakage
current
VB_SW off
-1
-
1
µA
Table 15. Protected battery switch electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBATP
IGN
ON
VPREREG
VCORE
VPREREG _UV
RESET
OFF
Ton
RESET
VCC
GADG1901171330PS
VCC5_UV
VCORE_UV
VCC_UV
VCC_dly
VCC5_dly
WAKE_FLT_up
St-by
VCC 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com