Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 5Page - STMicroelectronics STA326_V01 Datasheet HTML 6Page - STMicroelectronics STA326_V01 Datasheet HTML 7Page - STMicroelectronics STA326_V01 Datasheet HTML 8Page - STMicroelectronics STA326_V01 Datasheet HTML 9Page - STMicroelectronics STA326_V01 Datasheet HTML 10Page - STMicroelectronics STA326_V01 Datasheet HTML 11Page - STMicroelectronics STA326_V01 Datasheet HTML 12Page - STMicroelectronics STA326_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
DocID11531 Rev 9
9/64
STA326
Description
64
1.1
EQ processing
Two channels of input data (re-sampled if necessary) at 96 kHz are provided to the EQ
processing block. In this block, up to four user-defined biquads can be applied to each of the
two channels.
Prescaling, DC-blocking, high-pass, de-emphasis, bass, and tone control filters can also be
applied based on various configuration parameter settings.
The entire EQ block can be bypassed for all channels simultaneously by setting the DSPB
bit to 1. And the CxEQBP bits can be used to bypass the EQ function on a per channel
basis. Figure 3 shows the internal signal flow through the EQ block.
Figure 3. Channel signal flow through the EQ block
1.2
Output configurations
Figure 4. Output power-stage configurations
2-channel (full-bridge) configuration,
register bits OCFG[1:0] = 00
2.1-channel configuration,
register bits OCFG[1:0] = 01
1-channel mono-parallel configuration,
register bits OCFG[1:0] = 11
The setup register is Configuration register
F (addr 0x05) on page 34
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com