Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 1 Page - STMicroelectronics

  STA326_V01 Datasheet HTML 1Page - STMicroelectronics STA326_V01 Datasheet HTML 2Page - STMicroelectronics STA326_V01 Datasheet HTML 3Page - STMicroelectronics STA326_V01 Datasheet HTML 4Page - STMicroelectronics STA326_V01 Datasheet HTML 5Page - STMicroelectronics STA326_V01 Datasheet HTML 6Page - STMicroelectronics STA326_V01 Datasheet HTML 7Page - STMicroelectronics STA326_V01 Datasheet HTML 8Page - STMicroelectronics STA326_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
This is information on a product in full production.
January 2016
DocID11531 Rev 9
1/64
STA326
2.1-channel high-efficiency digital audio system
Datasheet
- production data
Features
 Wide supply voltage range (10 V - 36 V)
 Three power output configurations
– 2 x 40 W + 1 x 80 W
– 2 x 80 W
– 1 x 160 W
 PowerSO-36 package (exposed pad up (EPU))
 2.1 channels of 24-bit DDX®
 100-dB SNR and dynamic range
 32 kHz to 192 kHz input sample rates
 Digital gain/attenuation +48 dB to -80 dB in
0.5-dB steps
 Four 28-bit user-programmable biquads (EQ)
per channel
 I2C control
 2-channel I2S input data interface
 Individual channel and master gain/attenuation
 Individual channel and master soft/hard mute
 Individual channel volume and EQ bypass
 Bass/treble tone control
 Dual independent programmable
limiters/compressors
 Automodes
– 32 preset EQ curves
– 15 preset crossover settings
– Auto volume-controlled loudness
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset nighttime listening mode
– Preset TV AGC
 Input and output channel mapping
 AM noise-reduction and PWM
frequency-shifting modes
 Software volume update and muting
 Auto zero detect and invalid input detect
muting
 Selectable DDX® ternary or binary PWM
output + variable PWM speeds
 Selectable de-emphasis
 Post-EQ user-programmable mix with default
2.1 bass-management settings
 Variable max power correction for lower full-
power THD
 Four output routing configurations
 Selectable clock input ratio
 96 kHz internal processing sample rate, 24 to
28-bit precision
 Video application supports 576 * fs input mode
PowerSO-36
with exposed pad up
Table 1. Device summary
Order code
Package
Packaging
STA32613TR
PowerSO-36 EPU
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STA326_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA32613TR STMICROELECTRONICS-STA32613TR Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
More results

Similar Description - STA326_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com