Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 17Page - STMicroelectronics STA326_V01 Datasheet HTML 18Page - STMicroelectronics STA326_V01 Datasheet HTML 19Page - STMicroelectronics STA326_V01 Datasheet HTML 20Page - STMicroelectronics STA326_V01 Datasheet HTML 21Page - STMicroelectronics STA326_V01 Datasheet HTML 22Page - STMicroelectronics STA326_V01 Datasheet HTML 23Page - STMicroelectronics STA326_V01 Datasheet HTML 24Page - STMicroelectronics STA326_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
DocID11531 Rev 9
21/64
STA326
I2C bus specification
64
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes will be
read from sequential addresses within the STA326. The master acknowledges each data
byte read and then generates a STOP condition terminating the transfer.
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA326 acknowledges this and then the master writes the internal address byte.
After receiving, the internal byte address the STA326 again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA326 acknowledges this and then responds by
sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
Random address multi-byte read
The multi-byte read modes could start from any internal address. Sequential data bytes will
be read from sequential addresses within the STA326. The master acknowledges each data
byte read and then generates a STOP condition terminating the transfer.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com