Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 4 Page - STMicroelectronics

  STA326_V01 Datasheet HTML 1Page - STMicroelectronics STA326_V01 Datasheet HTML 2Page - STMicroelectronics STA326_V01 Datasheet HTML 3Page - STMicroelectronics STA326_V01 Datasheet HTML 4Page - STMicroelectronics STA326_V01 Datasheet HTML 5Page - STMicroelectronics STA326_V01 Datasheet HTML 6Page - STMicroelectronics STA326_V01 Datasheet HTML 7Page - STMicroelectronics STA326_V01 Datasheet HTML 8Page - STMicroelectronics STA326_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Contents
STA326
4/64
DocID11531 Rev 9
8.6.8
Coefficient a1 data register bits 23:16 (addr 0x1D) . . . . . . . . . . . . . . . . 51
8.6.9
Coefficient a1 data register bits 15:8 (addr 0x1E) . . . . . . . . . . . . . . . . . 51
8.6.10
Coefficient a1 data register bits 7:0 (addr 0x1F) . . . . . . . . . . . . . . . . . . 51
8.6.11
Coefficient a2 data register bits 23:16 (addr 0x20) . . . . . . . . . . . . . . . . 51
8.6.12
Coefficient a2 data register bits 15:8 (addr 0x21) . . . . . . . . . . . . . . . . . 51
8.6.13
Coefficient a2 data register bits 7:0 (addr 0x22) . . . . . . . . . . . . . . . . . . 51
8.6.14
Coefficient b0 data register bits 23:16 (addr 0x23) . . . . . . . . . . . . . . . . 52
8.6.15
Coefficient b0 data register bits 15:8 (addr 0x24) . . . . . . . . . . . . . . . . . 52
8.6.16
Coefficient b0 data register bits 7:0 (addr 0x25) . . . . . . . . . . . . . . . . . . 52
8.6.17
Coefficient write control register (addr 0x26) . . . . . . . . . . . . . . . . . . . . . 52
8.7
Reading a coefficient from RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
8.8
Reading a set of coefficients from RAM . . . . . . . . . . . . . . . . . . . . . . . . . . 53
8.9
Writing a single coefficient to RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
8.10
Writing a set of coefficients to RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
8.11
Variable max power correction (addr 0x27, 0x28) . . . . . . . . . . . . . . . . . . 56
8.12
Fault detect recovery (addr 0x2B, 0x2C) . . . . . . . . . . . . . . . . . . . . . . . . . 56
8.13
Status (addr 0x2D) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
9
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
10.1
PowerSO-36 EPU package information . . . . . . . . . . . . . . . . . . . . . . . . . . 61
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com