Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801RTYR.B Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8801RTYR.B
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801RTYR.B Datasheet(HTML) 3 Page - Texas Instruments

  DRV8801RTYR.B Datasheet HTML 1Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 2Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 3Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 4Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 5Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 6Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 7Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 8Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Pin Configuration and Functions
1
2
3
4
12
11
10
9
PHASE
PowerPAD
GND
nSLEEP
ENABLE
GND
CP2
CP1
OUT-
Figure 5-1. DRV8800 RTY Package 16-Pin WQFN
Top View
1
2
3
4
12
11
10
9
PHASE
PowerPAD
GND
nSLEEP
ENABLE
GND
CP2
CP1
OUT-
Figure 5-2. DRV8801 RTY Package 16-Pin WQFN
Top View
1
2
3
4
16
15
14
13
nFAULT
PowerPAD
MODE
PHASE
GND
NC
VREG
VCP
GND
5
6
7
8
nSLEEP
ENABLE
OUT+
SENSE
12
11
10
9
CP2
CP1
OUT-
VBB
Figure 5-3. DRV8800 PWP Package 16-Pin HTSSOP
Top View
1
2
3
4
16
15
14
13
nFAULT
PowerPAD
MODE 1
PHASE
GND
MODE 2
VPROPI
VCP
GND
5
6
7
8
nSLEEP
ENABLE
OUT+
SENSE
12
11
10
9
CP2
CP1
OUT-
VBB
Figure 5-4. DRV8801 PWP Package 16-Pin HTSSOP
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRV8800
DRV8801
WQFN
HTSSOP
WQFN
HTSSOP
CP1
10
11
10
11
P
Charge pump switching node. Connect a 0.1-μF
X7R ceramic capacitor rated for VBB between
CP1 and CP2.
CP2
11
12
11
12
P
Charge pump switching node. Connect a 0.1-μF
X7R ceramic capacitor rated for VBB between
CP1 and CP2.
www.ti.com
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com