Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801RTYR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8801RTYR.B
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801RTYR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8801RTYR.B Datasheet HTML 2Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 3Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 4Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 5Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 6Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 7Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 8Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 9Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6.5 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IBB
Motor supply current
fPWM < 50 kHz
6
mA
Charge pump on, Outputs disabled
3.2
Sleep mode
10
μA
VIH
PHASE, ENABLE,
MODE input voltage
2
V
VIL
0.8
VIH
nSLEEP input voltage
2.7
V
VIL
0.8
IIH
PHASE, MODE input current
VIN = 2 V
<1.0
20
μA
IIL
VIN = 0.8 V
–20
≤–2.0
20
IIH
ENABLE input current
VIN = 2 V
40
100
μA
IIL
VIN = 0.8 V
16
40
IIH
nSLEEP input current
VIN = 2.7 V
27
50
μA
IIL
VIN = 0.8 V
<1
10
VOL
nFAULT output voltage
Isink = 1 mA
0.4
V
VBBNFR
VBB nFAULT release
8 V < VBB < 40 V
12
13.8
V
VIHys
Input hysteresis, except nSLEEP
100
500
800
mV
rDS(on)
Output ON-resistance
Source driver, IOUT = –2.8 A, TJ = 25°C
0.48
Ω
Source driver, IOUT = –2.8 A, TJ = 125°C
0.74
0.85
Sink driver, IOUT = 2.8 A, TJ = 25°C
0.35
Sink driver, IOUT = 2.8 A, TJ = 125°C
0.52
0.7
VTRP
RSENSE voltage trip
SENSE connected to ground through a 0.2-Ω
resistor
500
mV
Vf
Body diode forward voltage
Source diode, If = –2.8 A
1.4
V
Sink diode, If = 2.8 A
1.4
tpd
Propagation delay time
PWM, Change to source or sink ON
600
ns
PWM, Change to source or sink OFF
100
tCOD
Crossover delay
500
ns
DAGain
Differential AMP gain
Sense = 0.1 V to 0.4 V
5
V/V
PROTECTION CIRCUITRY
VUV
UVLO threshold
VBB increasing
6.5
7.5
V
IOCP
Overcurrent threshold
3
A
tDEG
Overcurrent deglitch time
3
µs
tOCP
Overcurrent retry time
1.2
ms
TJW
Thermal warning temperature
Temperature increasing(1)
160
°C
TJTSD
Thermal shutdown temperature
Temperature increasing(2)
175
°C
(1)
After the device reaches the thermal warning temperature of 160°C, the device will remain in thermal warning until the device cools to
145°C. This is known as the device's thermal warning hysteresis.
(2)
After the device reaches the thermal shutdown temperature of 175°C, the device will remain in thermal shutdown until the device cools
to 160°C. This is known as the device's thermal shutdown hysteresis.
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com